Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16117FPC Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HA16117FPC
Description  CMOS Watchdog Timer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16117FPC Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HA16117FPC Datasheet HTML 5Page - Hitachi Semiconductor HA16117FPC Datasheet HTML 6Page - Hitachi Semiconductor HA16117FPC Datasheet HTML 7Page - Hitachi Semiconductor HA16117FPC Datasheet HTML 8Page - Hitachi Semiconductor HA16117FPC Datasheet HTML 9Page - Hitachi Semiconductor HA16117FPC Datasheet HTML 10Page - Hitachi Semiconductor HA16117FPC Datasheet HTML 11Page - Hitachi Semiconductor HA16117FPC Datasheet HTML 12Page - Hitachi Semiconductor HA16117FPC Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
HA16117F Series
9
2. With a low-frequency P-RUN signal ( 13 Hz to 26 Hz)
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
0 V
1.6 V
3.2 V
5 V
0 V
0.9 V
3.6 V
5 V
P-RUN
40 ms (25 Hz)
2T
t1 5 µs
t2
33 ms
Q
A
CF
WD
CR
B
C
When fP-RUN is 13 Hz to 26 Hz, the WD duty (D = 100 × t2/2T) is 25% to 50%. When the WD
duty is 25% or above, multivibrator (power-on and auto-reset circuit) oscillation stops. As a
result, the RES signal is fixed high.
60 ms
20 ms
RES
Q


Similar Part No. - HA16117FPC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16117FPC RENESAS-HA16117FPC Datasheet
551Kb / 31P
   CMOS Watchdog Timer
logo
Hitachi Metals, Ltd
HA16117FPC HITACHI-METALS-HA16117FPC Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117FPCJ RENESAS-HA16117FPCJ Datasheet
551Kb / 31P
   CMOS Watchdog Timer
logo
Hitachi Metals, Ltd
HA16117FPCJ HITACHI-METALS-HA16117FPCJ Datasheet
250Kb / 31P
   CMOS Watchdog Timer
More results

Similar Description - HA16117FPC

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
   CMOS Watchdog Timer
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
   WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
   WATCHDOG TIMER
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
   Watchdog Timer
logo
Hitachi Semiconductor
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
   Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com