Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16654AFP Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HA16654AFP
Description  PWM Controlled Switching Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16654AFP Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HA16654AFP Datasheet HTML 1Page - Hitachi Semiconductor HA16654AFP Datasheet HTML 2Page - Hitachi Semiconductor HA16654AFP Datasheet HTML 3Page - Hitachi Semiconductor HA16654AFP Datasheet HTML 4Page - Hitachi Semiconductor HA16654AFP Datasheet HTML 5Page - Hitachi Semiconductor HA16654AFP Datasheet HTML 6Page - Hitachi Semiconductor HA16654AFP Datasheet HTML 7Page - Hitachi Semiconductor HA16654AFP Datasheet HTML 8Page - Hitachi Semiconductor HA16654AFP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
HA16654A, HA16664A Series
2
Ordering Information
Type No.
Operating Frequency
Package
HA16654APS
100 kHz to 500 kHz
DP-8
HA16654AFP
FP-14DA
HA16664APS
100 kHz to 200 kHz
DP-8
HA16664AFP
FP-14DA
Pin Arrangement
1
2
3
4
8
7
6
5
CT
RT
Vref
VIN
EI
DB
GND
OUT
14
13
12
11
10
9
8
1
2
3
4
5
6
7
RT
Vref
VIN
NC
NC
EI
DB
GND
OUT
NC
CT
NC
NC
NC
• HA16654APS,HA16664APS
• HA16654AFP,HA16664AFP
(Top view)
(Top view)
Table 1
Pin Function
Symbol
Pin Name
C
T
Timing capacitor
R
T
Timing resistor
Vref
Reference voltage
V
IN
Input voltage
EI
Error input
DB
Dead band
GND
Ground
OUT
Driver output


Similar Part No. - HA16654AFP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA166008 HITACHI-HA166008 Datasheet
233Kb / 9P
   READ/ WRITE CIRCUIT
HA166008MP HITACHI-HA166008MP Datasheet
233Kb / 9P
   READ/ WRITE CIRCUIT
HA166009MP HITACHI-HA166009MP Datasheet
233Kb / 9P
   READ/ WRITE CIRCUIT
HA166010MP HITACHI-HA166010MP Datasheet
233Kb / 9P
   READ/ WRITE CIRCUIT
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
More results

Similar Description - HA16654AFP

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3005 MITSUMI-MM3005 Datasheet
193Kb / 18P
   CMOS Switching Regulator (PWM controlled)
logo
NXP Semiconductors
SA57254-30GW PHILIPS-SA57254-30GW Datasheet
267Kb / 18P
   CMOS switching regulator (PWM controlled)
2003 Nov 11
logo
Hitachi Semiconductor
HA16666P HITACHI-HA16666P Datasheet
93Kb / 15P
   600kHz PWM Controlled Switching Regulator
logo
Seiko Instruments Inc
S-8333CAAA-I8T1U SII-S-8333CAAA-I8T1U Datasheet
2Mb / 44P
   PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8363B-I6T1U2 SII-S-8363B-I6T1U2 Datasheet
2Mb / 50P
   PWM/PFM SWITCHABLE SWITCHING REGULATOR
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
Sanken electric
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com