Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16666FP Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HA16666FP
Description  600kHz PWM Controlled Switching Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16666FP Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HA16666FP Datasheet HTML 4Page - Hitachi Semiconductor HA16666FP Datasheet HTML 5Page - Hitachi Semiconductor HA16666FP Datasheet HTML 6Page - Hitachi Semiconductor HA16666FP Datasheet HTML 7Page - Hitachi Semiconductor HA16666FP Datasheet HTML 8Page - Hitachi Semiconductor HA16666FP Datasheet HTML 9Page - Hitachi Semiconductor HA16666FP Datasheet HTML 10Page - Hitachi Semiconductor HA16666FP Datasheet HTML 11Page - Hitachi Semiconductor HA16666FP Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HA16666P/FP
8
Characteristic Curves
5.10
5.00
4.90
4.80
–30
0
50
100
Vref Output Voltage vs. Temperature
Reference Voltage vs. Input Voltage
Soft Start Time vs. Soft Start Capacitance
Pulse Duty Cycle vs.
Error Input Voltage/Set Voltage in PWM Comparator
Soft Start Capacitor Capacitance Cs (
µF)
100
80
60
40
20
0
1.0
0.8
0.6
0.4
0.2
100
0.2
90
80
70
60
50
40
30
20
10
0
0.3
0.4
0.5
0.6
Error Input Voltage VE.I / ref Voltage
Vref
HA16666
ST
Cs
51 k
Ta = 25
°C
6.0
5.0
4.0
3.0
2.0
1.0
010
20
30
40
Input Voltage V
(V)
IN
Ta = 25
°C
V
= 15 V
f
300 kHz
Ta = 25
°C
IN
∆f/f vs. Temperature
Dead Band Duty vs. Temperature
+10
–10
0
–20
0
204060
80
Ambient Temperature Ta (
°C)
Ambient Temperature Ta (
°C)
Ambient Temperature Ta (
°C)
C = 330 pF
R
= R
= 9.1 k
f
300 kHz
T
T1
T2
–20
0
20
40
60
80
70
60
50
40
C = 330 pF
R
= R
= 9.1 k
f
300 kHz
T
T1
T2


Similar Part No. - HA16666FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16662MP HITACHI-HA16662MP Datasheet
279Kb / 12P
   HDD Interface Circuit
HA16664AFP HITACHI-HA16664AFP Datasheet
85Kb / 15P
   PWM Controlled Switching Regulator
HA16664APS HITACHI-HA16664APS Datasheet
85Kb / 15P
   PWM Controlled Switching Regulator
More results

Similar Description - HA16666FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16107FP HITACHI-HA16107FP Datasheet
361Kb / 16P
   600kHz PWM Switching Regulator Controller
HA16654A HITACHI-HA16654A Datasheet
85Kb / 15P
   PWM Controlled Switching Regulator
logo
Mitsumi Electronics, Co...
MM3005 MITSUMI-MM3005 Datasheet
193Kb / 18P
   CMOS Switching Regulator (PWM controlled)
logo
NXP Semiconductors
SA57254-30GW PHILIPS-SA57254-30GW Datasheet
267Kb / 18P
   CMOS switching regulator (PWM controlled)
2003 Nov 11
logo
Linear Technology
LT1614 LINER-LT1614_1 Datasheet
266Kb / 16P
   Inverting 600kHz Switching Regulator
LT1614 LINER-LT1614 Datasheet
218Kb / 8P
   Inverting 600kHz Switching Regulator
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
Linear Technology
LT1614 LINER-LT1614_15 Datasheet
271Kb / 16P
   Inverting 600kHz Switching Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com