Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSLD035 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RSLD035
Description  Wide Range Input: 120, 240, or 277 VAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RSLD035 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RSLD035 Datasheet HTML 1Page - List of Unclassifed Manufacturers RSLD035 Datasheet HTML 2Page - List of Unclassifed Manufacturers RSLD035 Datasheet HTML 3Page - List of Unclassifed Manufacturers RSLD035 Datasheet HTML 4Page - List of Unclassifed Manufacturers RSLD035 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
STRATO LED Drivers
35W, Single output
Eu and RoW
ROAL Electronics S.p.A
Via Jesina 56/A
60022 – Castelfidardo (AN) - Italy
Tel:+39 071 721461
Fax:+ 39 071 72146 480
North America
ROAL Electronics USA, Inc.
701 Main St., Suite 405
Stroudsburg, PA18360
Phone: + 1 570 421 5750
Fax: +1 570 421 5687
DS1_Strato35 CC Plastic_Rev10 - Page. 5/5
www.roallivingenergy.com
Subject to Change without Notice
Operating Temperature:
-30 to +90C case temperature without derating
Operating Relative Humidity: 5% to 95%, non condensing
Storage Temperature:
-40°C to +85°C
Surface Temperature:
Exposed surfaces <90°C under all operating conditions
Cooling:
Convection cooled
EMI and EMC:
Conducted and Radiated EMI: EN55015 Class B, FCC 47CFR Part 15 Class B
Susceptibility: EN61000-4-2, -3, -4, -5, -6, and -11
ANSI c62.41-1991 Category A1, 2.5kV Ringwave
UL60950-1 Recognized, UL8750 recognized Class 2 Output. Approved for damp locations.
EN61347-2-13 electronic control gear for LED Modules
ENEC Mark and CE Mark for EU.
Notes Regarding European (ENEC) approvals:
1. All models with Vout < 25VDC are SELV equivalent per EN61347-2-13.
2. All models are considered “Isolated Control Gear” per EN61347-2-13
Environmental
Safety Agency Approvals
Environmental / EMC
Roal Electronics, S.p.A. may change product specifications and accordingly the information presented in this document. Customers are responsible for
their products and applications using Roal Electronics, S.p.A. products. Roal Electronics, S.p.A. assumes no liability from the use of its products outside
of specifications. No license is granted to any intellectual property rights by this document. ROAL ELECTRONICS, S.P.A. DISCLAIMS ALL
REPRESENTATIONS AND WARRANTIES OF ANY KIND, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, IMPLIED
WARRANTIES OF NONINFRINGEMENT, MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE.


Similar Part No. - RSLD035

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSLD035-4A ETC2-RSLD035-4A Datasheet
1Mb / 5P
   STRATO LED Drivers 35W, Single output
More results

Similar Description - RSLD035

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ALF150_SERIES ARCH-ALF150_SERIES Datasheet
263Kb / 2P
   Universal Input: 100-240 VAC (Up to 277 VAC)
logo
Bel Fuse Inc.
TET4000-48-069RAH BEL-TET4000-48-069RAH Datasheet
738Kb / 18P
   Best-in-class efficiency of up to 97% Wide input voltage range: Full power at 200-277 VAC or 240-380 VDC
logo
FSP TECHNOLOGY INC.
FSP042-1K00 FSP-FSP042-1K00 Datasheet
152Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K30 FSP-FSP060-1K30 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K00 FSP-FSP060-1K00 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K40 FSP-FSP060-1K40 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K80 FSP-FSP060-1K80 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP042-1K40 FSP-FSP042-1K40 Datasheet
152Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K20 FSP-FSP060-1K20 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP042-1K80 FSP-FSP042-1K80 Datasheet
152Kb / 1P
   Wide-range input 90-264 VAC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com