Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCMJU24S51-10 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCMJU24S51-10
Description  10 Watt DC/DC Power Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMJU24S51-10 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCMJU24S51-10 Datasheet HTML 1Page - Wall Industries,Inc. DCMJU24S51-10 Datasheet HTML 2Page - Wall Industries,Inc. DCMJU24S51-10 Datasheet HTML 3Page - Wall Industries,Inc. DCMJU24S51-10 Datasheet HTML 4Page - Wall Industries,Inc. DCMJU24S51-10 Datasheet HTML 5Page - Wall Industries,Inc. DCMJU24S51-10 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Wall Industries, Inc.
Rev A
DCMJU10 SERIES
10 Watt DC/DC Power Converters
11/27/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 6
SPECIFICATIONS: DCMJU10 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
24VDC nominal input models
9
24
36
Input Voltage Range
48VDC nominal input models
18
48
75
VDC
24VDC nominal input models
-0.7
50
Input Surge Voltage (100ms max.)
48VDC nominal input models
-0.7
100
VDC
24VDC nominal input models
9
Start-up Voltage
48VDC nominal input models
18
VDC
24VDC nominal input models
8.5
Under Voltage Shutdown
48VDC nominal input models
17
VDC
Input Current
See Table
Reverse Polarity Input Current
1.5
A
Short Circuit Input Power
3000
mW
Internal Power Dissipation
5000
mW
24VDC nominal input models
2000mA slow-blow type
Input Fuse (Note 3)
48VDC nominal input models
1000mA slow-blow type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Voltage Accuracy
±1.0
±2.0
%
Output Voltage Balance (Dual Outputs)
Balanced loads
±1.0
±2.0
%
Line Regulation
Low line to high line at full load
±0.3
±1.0
%
Load Regulation
15% load to 100% load
±0.5
±1.2
%
Minimum Load
See Table
Output Power
See Table
Output Current
See Table
60
100
Ripple & Noise (20MHz BW) (Page 5)
Over line, load, and temperature
150
mVp-p
Transient Recovery Time (Note 2)
25% load step change
300
600
µs
Transient Response Deviation
25% load step change
±3
±6
%
Temperature Coefficient
±0.01
±0.02
%/°C
PROTECTION
Over Load Protection
foldback
110
150
%
Short Circuit Protection
Continuous
REMOTE ON/OFF (Page 4)
Converter On
2.5V~50V or open circuit
Positive Logic
Converter Off
0V~1.0V or short circuit (Pin 2 and Pin 6)
On
Vctrl = 5V
500
Control Input Current
Off
Vctrl = 0V
-500
µA
Control Common
Referenced to negative input
Stand-by Input Current
Nominal Vin
10
mA
GENERAL
Efficiency
See Table
Switching Frequency
450
KHz
Isolation Voltage (Input to Output)
60 seconds
1500
VDC
Isolation Resistance
500VDC
1000
Isolation Capacitance
100kHz, 1V
1500
pF
Maximum Capacitive Load
See Table
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature Range
With derating
-40
+80
°C
Case Temperature
+100
°C
Storage Temperature
-50
+125
°C
Humidity
Non-condensing
95
% RH
RFI
Six-sided shielded metal case
Cooling
natural convection
Lead Temperature
1.5mm from case for 10 seconds
260
°C
MTBF (calculated)
MIL-HDBK-217F at 25°C, Ground Benign
350,000
hours
PHYSICAL SPECIFICATIONS
Weight
0.53oz (15g)
Dimensions (L x W x H)
1.00 x 1.00 x 0.43 inches (25.4 x 25.4 x 10.16 mm)
Case Material
Aluminum alloy, black anodized coating
Base Material
FR4 PCB (flammability to UL 94V-0 rated)
SAFETY & EMC
Safety Approvals (pending)
UL/cUL 60950-1 recognition (CSA certificate), IEC/EN 60950-1 (CB-scheme)
Conducted EMI
EN55022 Class A & FCC part 15 Class A Compliance


Similar Part No. - DCMJU24S51-10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMJU24S51-10 WALL-DCMJU24S51-10 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
More results

Similar Description - DCMJU24S51-10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10 Datasheet
762Kb / 5P
   10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
JR WALL-JR Datasheet
348Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10_16 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com