Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCMUA48S12-5 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCMUA48S12-5
Description  5 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMUA48S12-5 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCMUA48S12-5 Datasheet HTML 1Page - Wall Industries,Inc. DCMUA48S12-5 Datasheet HTML 2Page - Wall Industries,Inc. DCMUA48S12-5 Datasheet HTML 3Page - Wall Industries,Inc. DCMUA48S12-5 Datasheet HTML 4Page - Wall Industries,Inc. DCMUA48S12-5 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
08/08/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 5
TECHNICAL DATASHEET
Rev. B
DCMUA SERIES
2:1 Wide Input Voltage Ranges
Single and Dual Outputs
2.0” x 1.0” x 0.4” Encapsulated Shielded Metal Package
5 Watt DC/DC Power Converters
APPLICATIONS
 Battery Powered Equipment
 Telecommunication Applications
 Distributed Power Systems
 Industrial Applications
 Process Control Equipment
 Transportation Equipment
 Military Applications
FEATURES
 Single and Dual Outputs
 2:1 Input Voltage Ranges: 9-18VDC, 18-36VDC, and 36~75VDC
 High Power Density
 Fixed Switching Frequency: 300KHz
 1500VDC I/O Isolation
 High Efficiency up to 87%
 Short Circuit, Over Voltage, Over Load, and Reverse Voltage
Protection
 Shielded Metal Case with Insulated Base-plate
 Industry Standard 2.0” x 1.0” x 0.4” DIP Package
 Lead Free Design, RoHS Compliant
 Extended Operating Temperature Range: -55°C to +95°C
 Remote ON/OFF Control
 Custom Designs Available
DESCRIPTION
The DCMUA series of isolated DC/DC power converters provides 5 Watts of continuous output power in a 2.0” x 1.0” x
0.4” shielded metal case. This series consists of single and dual output models with 2:1 input voltage ranges of 9-18VDC,
18~36VDC, and 36~75VDC. Some features include high efficiency up to 87%, 1500VDC I/O isolation, and -55°C to
+95°C extended operating temperature range. The DCMUA series is RoHS compliant and has short circuit, over load, over
voltage, and reverse voltage protection. These converters are best suited for use in military applications, battery operated
equipment, measurement equipment, telecom, wireless networks, industry control systems, and anywhere where isolated,
tightly regulated voltages and compact size are required.


Similar Part No. - DCMUA48S12-5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMUA48S12-5 WALL-DCMUA48S12-5 Datasheet
292Kb / 4P
   15 Watts DC/DC Power Converters
DCMUA48S12-5 WALL-DCMUA48S12-5 Datasheet
225Kb / 5P
   Single and Dual Outputs
DCMUA48S12-5 WALL-DCMUA48S12-5 Datasheet
385Kb / 4P
   15 Watts DC/DC Power Converters
More results

Similar Description - DCMUA48S12-5

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5TW AIMTEC-AM5TW Datasheet
261Kb / 2P
   5 watt dc-dc converters
AM5TW-N AIMTEC-AM5TW-N Datasheet
309Kb / 3P
   5 watt dc-dc converters
logo
List of Unclassifed Man...
AM5TW ETC-AM5TW Datasheet
466Kb / 2P
   5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5TW-C AIMTEC-AM5TW-C Datasheet
311Kb / 2P
   5 watt dc-dc converters
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA_16 Datasheet
402Kb / 4P
   5~6 Watt DC/DC Power Converters
logo
AIMTEC
AM5T AIMTEC-AM5T Datasheet
279Kb / 3P
   5 watt dc-dc converters
AM5T-N AIMTEC-AM5T-N Datasheet
295Kb / 3P
   5 watt dc-dc converters
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA Datasheet
401Kb / 4P
   5~6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
   DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com