Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JF24S5-3000 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # JF24S5-3000
Description  15W Open Frame DC/DC Power Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JF24S5-3000 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  JF24S5-3000 Datasheet HTML 1Page - Wall Industries,Inc. JF24S5-3000 Datasheet HTML 2Page - Wall Industries,Inc. JF24S5-3000 Datasheet HTML 3Page - Wall Industries,Inc. JF24S5-3000 Datasheet HTML 4Page - Wall Industries,Inc. JF24S5-3000 Datasheet HTML 5Page - Wall Industries,Inc. JF24S5-3000 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev. C
JF Series
Single Outputs
2:1 Input Voltage Range
15W DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/11/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 6
MODEL SELECTION TABLE
Output Current
Input Current
Model Number
Input Range
Output
Voltage
Min. load
Full load
Output
(4)
Ripple & Noise
No load
(3)
Full load
(2)
Output
Power
Efficiency
(4)
Capacitor
(5)
Load max
JF24S3.3-3500
3.3 VDC
0mA
3500mA
75mVp-p
20mA
587mA
11.5W
86%
10000μF
JF24S5-3000
5 VDC
0mA
3000mA
75mVp-p
20mA
753mA
15W
87%
6000μF
JF24S12-1250
12 VDC
0mA
1250mA
100mVp-p
15mA
753mA
15W
87%
1000μF
JF24S15-1000
24 VDC
(18 - 36 VDC)
15 VDC
0mA
1000mA
100mVp-p
15mA
744mA
15W
88%
660μF
JF48S3.3-3500
3.3 VDC
0mA
3500mA
75mVp-p
15mA
297mA
11.5W
85%
10000μF
JF48S5-3000
5 VDC
0mA
3000mA
75mVp-p
15mA
377mA
15W
87%
6000μF
JF48S12-1250
12 VDC
0mA
1250mA
100mVp-p
10mA
377mA
15W
87%
1000μF
JF48S15-1000
48 VDC
(36 - 75 VDC)
15 VDC
0mA
1000mA
100mVp-p
10mA
372mA
15W
88%
660μF
****See Product Options table on page 5****
NOTES
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @ Ta=25°C, Full load (Ground, benign, controlled environment).
2. Maximum value at nominal input voltage and full load.
3. Typical value at nominal input voltage and no load.
4. Typical value at nominal input voltage and full load.
5. Test by minimum input and constant resistive load.
6. Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an
external resistor between the TRIM pin and either the +OUTPUT pin or the –OUTPUT pin.
7. The CTRL pin voltage is referenced to -INPUT. (See the “Product Options” table on page 5 for suffix options).
8. The power module can operate in a variety of thermal environments; however, sufficient cooling should be provided to help ensure
reliable operation.
9. The JF Series meets EN55022 Class A and Class B only with external components connected to the input pins of the converter.
10.An external filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5. The filter capacitor suggested is
Nippon chemi-con KY Series, 220μF/100V, ESR 48mΩ.
CAUTION: These power modules are not internally fused. An input line fuse must always be used.
OUTPUT ADJUSTABILITY
Output voltage adjustment allows the user to increase or decrease the output voltage set point of a module. This is accomplished by
connecting an external resistor between the TRIM pin and either the +OUTPUT or -OUTPUT pins. With an external resistor between the
TRIM and -OUTPUT pin, the output voltage set point increases. With an external resistor between the TRIM and +OUTPUT pin, the
output voltage set point decreases. The external TRIM resistor needs to be at least 1/16W.
Trim Up Equation
Trim Down Equation

,
U
Oup
GL
RH
VL
K








,
,
O down
D
O
O down
VL
G
RH
VV






-INPUT
+INPUT
-OUTPUT
+OUTPUT
TRIM
RU
RD
Model
G
H
K
L
JFXXS3.3-3500
5110
2050
0.8
2.5
JFXXS5-3000
5110
2050
2.5
2.5
JFXXS12-1250
10000
5110
9.5
2.5
JFXXS15-1000
10000
5110
12.5
2.5


Similar Part No. - JF24S5-3000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF24S5-3000 WALL-JF24S5-3000 Datasheet
765Kb / 15P
   DC/DC Converter
JF24S5-3000 WALL-JF24S5-3000 Datasheet
441Kb / 6P
   15 Watts Maximum Output Power
More results

Similar Description - JF24S5-3000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFW WALL-JFW Datasheet
486Kb / 6P
   15W Open Frame DC/DC Power Converters
LTW WALL-LTW Datasheet
121Kb / 4P
   15W DC/DC Power Converters
logo
RSG Electronic Componen...
EC1SB-24S33 RSG-EC1SB-24S33 Datasheet
275Kb / 1P
   13.2 -15 WATT OPEN FRAME DC-DC CONVERTERS
logo
SL Power Electronics
DH1-15 SLPOWER-DH1-15 Datasheet
213Kb / 2P
   15W SINGLE OUTPUT DC-DC CONVERTERS
logo
BOSER Technology Co., L...
BPW-8110 BOSER-BPW-8110 Datasheet
156Kb / 1P
   120W DC-DC Open Frame Power Supply
logo
Wall Industries,Inc.
JFW WALL-JFW_18 Datasheet
331Kb / 5P
   Up to 15 Watts Open Frame DC/DC Power Converters Single Outputs
logo
Astrodyne Corporation
LED15W ASTRODYNE-LED15W Datasheet
595Kb / 4P
   Isolated and Regulated 15 Watt Open Frame DC/DC Converters
logo
Murata Power Solutions ...
NPH15S MURATA-PS-NPH15S Datasheet
190Kb / 8P
   Isolated 15W Single Output DC-DC Converters
logo
Artesyn Technologies
SXA15 ARTESYN-SXA15 Datasheet
117Kb / 2P
   10.8-15W High Efficiency DC/DC Converters
SXN15 ARTESYN-SXN15 Datasheet
116Kb / 2P
   10.8-15W High Efficiency DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com