Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCPDLW06-48S12 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # DCPDLW06-48S12
Description  6 Watt DC/DC Power Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDLW06-48S12 Datasheet(HTML) 6 Page - Wall Industries,Inc.

  DCPDLW06-48S12 Datasheet HTML 1Page - Wall Industries,Inc. DCPDLW06-48S12 Datasheet HTML 2Page - Wall Industries,Inc. DCPDLW06-48S12 Datasheet HTML 3Page - Wall Industries,Inc. DCPDLW06-48S12 Datasheet HTML 4Page - Wall Industries,Inc. DCPDLW06-48S12 Datasheet HTML 5Page - Wall Industries,Inc. DCPDLW06-48S12 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Wall Industries, Inc.
Rev A
DCPDLW06 SERIES
6 Watt DC/DC Power Converters
07/10/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 6
MODEL NUMBER SETUP
DCPDLW
06
-
48
S
12
M
Series Name
Output Power
Input Voltage
Output Quantity
Output Voltage
Assembly Options
6: 6 Watts
24: 9-36 VDC
S: Single Output
33: 3.3 VDC
None: Plastic Case w/ 1600VDC isolation
48: 18-75 VDC
05: 5 VDC
H: Plastic Case w/ 3000VDC Isolation
09: 9 VDC
M: Metal Case w/ 1600VDC isolation
12: 12 VDC
15: 15 VDC
24: 24 VDC
D: Dual Output
05: ±5 VDC
12: ±12 VDC
15: ±15 VDC
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-
2008 certification is just one example of our commitment to producing a high quality, well-documented product for our
customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working
closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue
to provide ongoing support for your project above and beyond the design and production phases. Give us a call today to
discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833


Similar Part No. - DCPDLW06-48S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDLW06-48S12 WALL-DCPDLW06-48S12 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06-48S12H WALL-DCPDLW06-48S12H Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06-48S12M WALL-DCPDLW06-48S12M Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
More results

Similar Description - DCPDLW06-48S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06 Datasheet
959Kb / 7P
   6 Watt DC/DC Power Converters
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCMOP06 WALL-DCMOP06 Datasheet
158Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06_18 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06_18 Datasheet
305Kb / 5P
   6 Watt Medical DC/DC Power Converters
logo
AIMTEC
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com