Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JFC24S12-1300 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # JFC24S12-1300
Description  15 Watt DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC24S12-1300 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  JFC24S12-1300 Datasheet HTML 1Page - Wall Industries,Inc. JFC24S12-1300 Datasheet HTML 2Page - Wall Industries,Inc. JFC24S12-1300 Datasheet HTML 3Page - Wall Industries,Inc. JFC24S12-1300 Datasheet HTML 4Page - Wall Industries,Inc. JFC24S12-1300 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
JFC Series
Single & Dual Outputs
15 Watt DC/DC Converter
2:1 Wide Input Voltage Range
Rev D
OUTPUT VOLTAGE ADJUSTMENT
Output voltage set point adjustment allows the user to increase or decrease the output voltage set point of a module. This is
accomplished by connecting an external resistor between the TRIM pin and either the +OUTPUT or -OUTPUT pins. With an
external resistor between the TRIM and -OUTPUT pin, the output voltage set point increases. With an external resistor
between the TRIM and +OUTPUT pins, the output voltage set point decreases. The external TRIM resistor needs to be at
least 1/16W resistors.
Trim Up
Trim Down
(
)
,
U
O up
G L
R
H
V
L
K
×
=
)
(
)
(
)
,
,
O down
D
O
O down
V
L
G
R
H
V
V
×
=
TRIM CONSTANTS
Module
G
H
K
L
JFCXXS3.3-4000
5110
2050
0.8
2.5
JFCXXS5-4000
5110
2050
2.5
2.5
JFCXXS12-4000
10000
5110
9.5
2.5
JFCXXS15-4000
10000
5110
12.5
2.5
TRIM CONSTANTS
Module
G
H
K
L
JFCXXS3.3-4000
5110
2050
0.8
2.5
JFCXXS5-4000
5110
2050
2.5
2.5
JFCXXS12-4000
10000
5110
9.5
2.5
JFCXXS15-4000
10000
5110
12.5
2.5
JFCXXS3.3-4000
JFCXXS5-3000
Trim
Vout,up
Rup
Trim
Vout,up
Rup
1%
3.333V
385.071kΩ
1%
5.050V
253.450kΩ
2%
3.366V
191.511kΩ
2%
5.100V
125.700kΩ
3%
3.399V
126.990kΩ
3%
5.150V
83.117kΩ
4%
3.432V
94.730kΩ
4%
5.200V
61.825kΩ
5%
3.465V
75.374kΩ
5%
5.250V
49.050kΩ
6%
3.498V
62.470kΩ
6%
5.300V
40.533kΩ
7%
3.531V
53.253kΩ
7%
5.350V
34.450kΩ
8%
3.564V
46.340kΩ
8%
5.400V
29.888kΩ
9%
3.597V
40.963kΩ
9%
5.450V
26.339kΩ
10%
3.630V
36.662kΩ
10%
5.500V
23.500kΩ
JFCXXS3.3-4000
JFCXXS5-3000
Trim
Vout,down
Rdown
Trim
Vout,down
Rdown
1%
3.267V
116.719kΩ
1%
4.950V
248.340kΩ
2%
3.234V
54.779kΩ
2%
4.900V
120.590kΩ
3%
3.201V
34.133kΩ
3%
4.850V
78.007kΩ
4%
3.168V
23.810kΩ
4%
4.800V
56.715kΩ
5%
3.135V
17.616kΩ
5%
4.750V
43.940kΩ
6%
3.102V
13.486kΩ
6%
4.700V
35.423kΩ
7%
3.069V
10.537kΩ
7%
4.650V
29.340kΩ
8%
3.036V
8.325kΩ
8%
4.600V
24.778kΩ
9%
3.003V
6.604kΩ
9%
4.550V
21.229kΩ
10%
2.970V
5.228kΩ
10%
4.500V
18.390kΩ
JFCXXS12-1300
JFCXXS15-1000
Trim
Vout,up
Rup
Trim
Vout,up
Rup
1%
12.120V
203.223kΩ
1%
15.150V
161.557kΩ
2%
12.240V
99.057kΩ
2%
15.300V
78.223kΩ
3%
12.360V
64.334kΩ
3%
15.450V
50.446kΩ
4%
12.480V
46.973kΩ
4%
15.600V
36.557kΩ
5%
12.600V
36.557kΩ
5%
15.750V
28.223kΩ
6%
12.720V
29.612kΩ
6%
15.900V
22.668kΩ
7%
12.840V
24.652kΩ
7%
16.050V
18.700kΩ
8%
12.960V
20.932kΩ
8%
16.200V
15.723kΩ
9%
13.080V
18.038kΩ
9%
16.350V
13.409kΩ
10%
13.200V
15.723kΩ
10%
16.500V
11.557kΩ
JFCXXS12-1300
JFCXXS15-1000
Trim
Vout,down
Rdown
Trim
Vout,down
Rdown
1%
11.880V
776.557kΩ
1%
14.850V
818.223kΩ
2%
11.760V
380.723kΩ
2%
14.700V
401.557kΩ
3%
11.640V
248.779kΩ
3%
14.550V
262.668kΩ
4%
11.520V
182.807kΩ
4%
14.400V
193.223kΩ
5%
11.400V
143.223kΩ
5%
14.250V
151.557kΩ
6%
11.280V
116.834kΩ
6%
14.100V
123.779kΩ
7%
11.160V
97.985kΩ
7%
13.950V
103.938kΩ
8%
11.040V
83.848kΩ
8%
13.800V
89.057kΩ
9%
10.920V
72.853kΩ
9%
13.650V
77.483kΩ
10%
10.800V
64.057kΩ
10%
13.500V
68.223kΩ


Similar Part No. - JFC24S12-1300

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC24S12-1300 WALL-JFC24S12-1300 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JFC24S12-1300 WALL-JFC24S12-1300 Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC24S12-1300D WALL-JFC24S12-1300D Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC24S12-1300F WALL-JFC24S12-1300F Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC24S12-1300G WALL-JFC24S12-1300G Datasheet
720Kb / 11P
   Six-Sided Shielding
More results

Similar Description - JFC24S12-1300

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
logo
AIMTEC
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com