Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCPDL06-48S3.3 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCPDL06-48S3.3
Description  6 Watt DC/DC Power Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDL06-48S3.3 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCPDL06-48S3.3 Datasheet HTML 1Page - Wall Industries,Inc. DCPDL06-48S3.3 Datasheet HTML 2Page - Wall Industries,Inc. DCPDL06-48S3.3 Datasheet HTML 3Page - Wall Industries,Inc. DCPDL06-48S3.3 Datasheet HTML 4Page - Wall Industries,Inc. DCPDL06-48S3.3 Datasheet HTML 5Page - Wall Industries,Inc. DCPDL06-48S3.3 Datasheet HTML 6Page - Wall Industries,Inc. DCPDL06-48S3.3 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Wall Industries, Inc.
Rev C
DCPDL06 SERIES
6 Watt DC/DC Power Converters
07/10/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 7
DERATING CURVES
DCPDL06-48S05 Derating Curve
DCPDL06-48S05M Derating Curve
0
20
40
60
80
100
120
-40
-20
0
20
40
60
85 100
120
Ambient Temperature (°C)
65
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80 90 100
120
Ambient Temperature (°C)
70
EFFICIENCY CURVES
DCPDL06-48S05 Efficiency vs Input Voltage
DCPDL06-48S05 Efficiency vs Output Current
90
85
80
75
70
65
60
36
40
44
48
52
56
60
64
68
72
75
Input Voltage (VDC)
90
85
80
75
70
65
60
55
50
45
40
35
30
10
20
30
40
50
60
70
80
90
100
% of Full Load
Vin=36V
Vin=48V
Vin=75V
RECOMMENDED EMI FILTER
EN55022 Class A
Model
C1
C2
C3
L1
DCPDL06-05xxx
22μF/10V
1210 MLCC
22μF/10V
1210 MLCC
150pF/3KV
1808 MLCC
2.2μH 0504 SMD
Inductor PMT-059
DCPDL06-12xxx
22μF/25V
1812 MLCC
N/A
680pF/3KV
1808 MLCC
8.2μH 0504 SMD
Inductor PMT-077
DCPDL06-24xxx
10μF/50V
1210 MLCC
N/A
1000pF/3KV
1808 MLCC
10μH 0504 SMD
Inductor PMT-047
DCPDL06-48xxx
4.7μF/100V
1812 MLCC
N/A
1000pF/3KV
1808 MLCC
33μH 0504 SMD
Inductor PMT-089
EN55022 Class B
Model
C1
C2
C3
C4
L1
DCPDL06-05xxx
47μF/16V
1210 MLCC
47μF/16V
1210 MLCC
150pF/3KV
1808 MLCC
N/A
3.3μH 0504 SMD
Inductor PMT-044
DCPDL06-12xxx
22μF/25V
1812 MLCC
22μF/25V
1812 MLCC
330pF/3KV
1808 MLCC
330pF/3KV
1808 MLCC
8.2μH 0504 SMD
Inductor PMT-077
DCPDL06-24xxx
10μF/50V
1210 MLCC
10μF/50V
1210 MLCC
330pF/3KV
1808 MLCC
330pF/3KV
1808 MLCC
10μH 0504 SMD
Inductor PMT-047
+INPUT
-INPUT
C1
C2
L1
C4
C3
LOAD
+Vin
+Vout
-Vin
-Vout
DC/DC
CONVERTER
DCPDL06-48xxx
4.7μF/100V
1812 MLCC
4.7μF/100V
1812 MLCC
330pF/3KV
1808 MLCC
330pF/3KV
1808 MLCC
33μH 0504 SMD
Inductor PMT-089


Similar Part No. - DCPDL06-48S3.3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDL06-48S3.3 WALL-DCPDL06-48S3.3 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
More results

Similar Description - DCPDL06-48S3.3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
   6 Watt DC/DC Power Converters
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCMOP06 WALL-DCMOP06 Datasheet
158Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06_18 Datasheet
323Kb / 5P
   6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06_18 Datasheet
305Kb / 5P
   6 Watt Medical DC/DC Power Converters
logo
AIMTEC
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com