Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB0942P Datasheet(PDF) 1 Page - E-SWITCH

Part # XB0942P
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XB0942P Datasheet(HTML) 1 Page - E-SWITCH

  XB0942P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
WBL2UEEGQR05SILPWR
11/30/2012
XB0942P
A
EBP
1
1
1.7 Typ-2.6 Max
30
GREEN
4.7-7.8
LED SPECS
FORWARD VOLTAGE @20mA
LUMINOUS INTENSITY @ 10mA
FORWARD CURRENT
UNITS
mA
V
MCD
1
PCB LAYOUT
-
+
4
2
5
3
6
1
3
4
6
2
5
-
1
2
3
1
4
8.00
[.315 in]
2.54
[.100 in]
3.20
[.126 in]
3.70
[.146 in]
2.50
[.098 in]
5.70
[.224 in]
9.10
[.358 in]
5.00
[.197 in]
9.00
[.354 in]
6.00
[.236 in]
7.20
[.283 in]
10.10
[.398 in]
.50
[.020 in]
.50
[.020 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: x.x=`0.4mm
x.xx=`0.25mm
3. RATING: DC 30V, 0.3A
4. OPERATING FORCE: 200`100gf
5. TRAVEL: FULL: 3.3mm, LOCK: 2.5mm
6. LIFE CYCLES: 10,000 CYCLES
7. OPERATING TEMPERATURE: -20~C TO 70~C
8. CONTACT RESISTANCE: 20mW
W
W
W MAX.
9. INSULATION RESISTANCE: 100MW
W
W
W MIN@ 500VDC.
10. LED COLOR: GREEN
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (RoHS) COMPLIANT.
3.70
[.146 in]
CIRCUIT DIAGRAM
PUSH
4
5
6
1
2
3
GREEN
-
+
2.50
[.098 in]
3.00
[.118 in]
2.54
[.100 in]
3.70
[.146 in]
n.90
[.035 in]
8 PLS
A
20898
RELEASE FOR PRODUCTION
11/30/12
EBP
3.00
[.118 in]
2.50
[.098 in]
2.50
[.098 in]
n10.00
[.394 in]
NOTE SYMBOL ORIENTATION
10.60
[.417 in]
20.10
[.791 in]
WBL2UEEGQ
(B400015)
R05SILPOW
(B410001)


Similar Part No. - XB0942P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XB0941P E-SWITCH-XB0941P Datasheet
359Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
XB0943P E-SWITCH-XB0943P Datasheet
253Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
XB0944P E-SWITCH-XB0944P Datasheet
342Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - XB0942P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com