Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JR12S15-660 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # JR12S15-660
Description  10 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JR12S15-660 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  JR12S15-660 Datasheet HTML 1Page - Wall Industries,Inc. JR12S15-660 Datasheet HTML 2Page - Wall Industries,Inc. JR12S15-660 Datasheet HTML 3Page - Wall Industries,Inc. JR12S15-660 Datasheet HTML 4Page - Wall Industries,Inc. JR12S15-660 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. D
JR Series
Single & Dual Outputs
2:1 Input Voltage Ranges
10 Watt DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
04/20/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
SPECIFICATIONS: JR SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
5 VDC nominal input models (minimum order quantities apply)
4.5
5
9
12VDC nominal input models
9
12
18
24VDC nominal input models
18
24
36
Input Voltage Range (See Note 1)
48VDC nominal input models
36
48
75
VDC
5 VDC nominal input models
15
12VDC nominal input models
36
24VDC nominal input models
50
Input Surge Voltage (100ms max)
48VDC nominal input models
100
VDC
Input Reflected Ripple Current
30
mAp-p
Input Filter
Pi type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
Low line to high line at full load
±0.2
%
Single Output Models
±0.5
Load Regulation
No load to full load
Dual Output Models
±1
%
Cross Regulation (Dual Output Models)
Asymmetrical load 25% to 100% full load
±5
%
Voltage Accuracy
±1
%
Output Power
10
W
Output Current
See Table
Minimum Load
0
%
Single Output Models
50
Ripple & Noise (20MHz Bandwidth)
Nominal Vin and full load
Dual Output Models
75
mVp-p
Transient Response Recovery Time
25% load step change
250
µs
Start-Up Time
Nominal Vin and constant resistive load
Power Up
20
ms
Temperature Coefficient
±0.02
%/°C
PROTECTION
3.3V output models
3.9
5V output models
6.2
12V output models
15
Over Voltage Protection
Zener diode clamp
15V output models
18
VDC
Over Load Protection
% of full load at nominal input
150
%
Short Circuit Protection
hiccup, automatic recovery
GENERAL SPECIFICATIONS
Efficiency
Nominal Vin and full load
See Table
Switching Frequency
Full load to minimum load
270
300
330
KHz
Input to Output
1600
Input to Case
1600
Isolation Voltage
Output to Case
1 minute
1600
VDC
Isolation Resistance
1
GΩ
Isolation Capacitance
300
pF
REMOTE ON/OFF (See Note 7)
DC/DC ON
Open or 3.5V < Vr < 12V
Positive Logic (Suffix P)
DC/DC OFF
Short or 0V < Vr < 1.2V
DC/DC ON
Short or 0V < Vr < 1.2V
Negative Logic (Suffix R)
DC/DC OFF
Open or 3.5V < Vr < 12V
Input Current of Remote Control Pin
Nominal Vin
-0.5
+1.0
mA
Remote Off State Input Current
Nominal Vin
20
mA
ENVIRONMENTAL SPECIFICATIONS
Standard
With derating
-25
+85
Operating Ambient Temperature
“I” Version (suffix –I)
Without derating
-40
+85
°C
Maximum Case Temperature
+100
°C
Storage Temperature
-55
+105
°C
Natural convection
12
Thermal Impedance (See Note 9)
Natural convection with heatsink
10
°C/Watt
Relative Humidity (non-condensing)
5
95
% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
BELLCORE TR-NWT-000332
1,976,000 hours
MTBF (See Note 2)
MIL-HDBK-217F
1,416,000 hours
PHYSICAL SPECIFICATIONS
Weight
0.95oz (27g)
Case Material
Nickel-coated copper
Base Material
Non-conductive black plastic
Potting Material
Epoxy (UL94V-0)
Dimensions (L x W x H)
2.00 x 1.00 x 0.40 inches (50.8 x 25.4 x 10.2 mm)
SAFETY & EMC CHARACTERISTICS
Safety Approvals
UL60950-1, EN60950-1, IEC60950-1
EMI (See Note 10)
EN55022
Class A
Air
±8KV
ESD
EN61000-4-2
Contact
±6KV
Perf. Criteria B
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient (See Note 11)
EN61000-4-4
±2KV
Perf. Criteria B
Surge (See Note 11)
EN61000-4-5
±1KV
Perf. Criteria B
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A


Similar Part No. - JR12S15-660

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JR12S15-660 WALL-JR12S15-660 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JR12S15-660 WALL-JR12S15-660 Datasheet
531Kb / 8P
   10 Watt DC/DC Power Converters Single and Dual Outputs
More results

Similar Description - JR12S15-660

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10 Datasheet
762Kb / 5P
   10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10_16 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com