Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSKUW Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # MSKUW
Description  5 Watt DC/DC Converter Single and Dual Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSKUW Datasheet(HTML) 6 Page - Wall Industries,Inc.

  MSKUW Datasheet HTML 1Page - Wall Industries,Inc. MSKUW Datasheet HTML 2Page - Wall Industries,Inc. MSKUW Datasheet HTML 3Page - Wall Industries,Inc. MSKUW Datasheet HTML 4Page - Wall Industries,Inc. MSKUW Datasheet HTML 5Page - Wall Industries,Inc. MSKUW Datasheet HTML 6Page - Wall Industries,Inc. MSKUW Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
MSKUW Series
5 Watt DC/DC Converter
Single and Dual Outputs
4:1 Ultra Wide Input Voltage Range
Rev A
DESIGN & FEATURE CONSIDERATONS
Over Current Protection
To provide protection in a fault (output over load) condition the unit is equipped with internal current limiting circuitry and can
endure current limiting for an unlimited duration. At the point of current limit inception the unit shifts from voltage control to
current control. The unit operates normally once the output current is brought back to its specified range.
Input Source / Remote On/Off
Positive logic remote on/off turns the module ON during a logic high voltage on the remote on/off pin, and turns the module
OFF during a logic low voltage on the remote on/off pin. To turn the power module ON and OFF, the user must supply a
switch to control the voltage between the on/off terminal and the -Vin terminal. The switch can be an open collector or
equivalent.
A logic low is –0.7V to 0.8V.
A logic high is 2.5V to 5.5V.
The maximum sink current of the switch at the on/off terminal during a logic low is 300µA. The maximum sink current of the
switch at the on/off terminal = 2.5 to 5.5V is 200µA or open.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect
the stability of the power module. In applications where power is supplied over long lines and output loading is high, it may
be necessary to use a capacitor at the input to ensure startup. A capacitor mounted close to the power module helps ensure
stability of the unit, it is recommended to use a good quality low Equivalent Series Resistance (ESR < 1.0Ω at 100KHz)
capacitor of 3.3µF for the 12V input models and a 2.2µF for the 24V and 48V input models.
+
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
DC Power
Source
+
-
Cin
Maximum Capacitive Load
The MSKUW series has a limit of maximum connected capacitance at the output. The power module may be operated in
current limiting mode during start-up, affecting the ramp-up and the startup time. The maximum capacitance can be found in
the Output Voltage / Current Rating Chart.
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin (4.7µH) and Cin (220µF, ESR < 1.0Ω at 100KHz) to simulate
source impedance.
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
Battery
+
Lin
+
Cin
To Oscilloscope
Current
Probe
Capacitor Cin offsets possible battery impedance.
Current ripple is measured at the input terminals of the module. Measurement bandwidth is 0 ~ 500KHz.


Similar Part No. - MSKUW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MSKUW WALL-MSKUW Datasheet
204Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 4:1 Ultra Wide Input Voltage Range
MSKUW WALL-MSKUW_16 Datasheet
204Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 4:1 Ultra Wide Input Voltage Range
More results

Similar Description - MSKUW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMFPU01H WALL-DCMFPU01H Datasheet
347Kb / 5P
   1 Watt DC/DC Converter Single and Dual Outputs
logo
Volgen Kaga Electronics...
B5R-1203 VOLGEN-B5R-1203 Datasheet
342Kb / 3P
   5 WATT DC/DC CONVERTER, SINGLE & MULTIPLE OUTPUTS
logo
Wall Industries,Inc.
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
logo
Volgen Kaga Electronics...
FDC15-24S05 VOLGEN-FDC15-24S05 Datasheet
238Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
List of Unclassifed Man...
FDC15-24S05 ETC-FDC15-24S05 Datasheet
174Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Wall Industries,Inc.
MSKW WALL-MSKW_16 Datasheet
209Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
ME12S5-1000W WALL-ME12S5-1000W Datasheet
175Kb / 6P
   5600VDC I/O Isolation Single and Dual Outputs 5~6 Watt Medical DC/DC Converter
logo
List of Unclassifed Man...
MT5 ETC1-MT5 Datasheet
280Kb / 2P
   5 WATT DC//DC CONVERTER SIINGLE & MULTIIPLE OUTPUTS
logo
Wall Industries,Inc.
KR WALL-KR Datasheet
96Kb / 3P
   Single and Dual Outputs 6 Watt DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com