Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA17451 Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HA17451
Description  Switching Regulator Controllers for DC/DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17451 Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HA17451 Datasheet HTML 5Page - Hitachi Semiconductor HA17451 Datasheet HTML 6Page - Hitachi Semiconductor HA17451 Datasheet HTML 7Page - Hitachi Semiconductor HA17451 Datasheet HTML 8Page - Hitachi Semiconductor HA17451 Datasheet HTML 9Page - Hitachi Semiconductor HA17451 Datasheet HTML 10Page - Hitachi Semiconductor HA17451 Datasheet HTML 11Page - Hitachi Semiconductor HA17451 Datasheet HTML 12Page - Hitachi Semiconductor HA17451 Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
HA17451AP/HA17451AFP
9
Characteristic Curves
3.0
2.5
2.0
1.5
1.0
0.5
0
I
= 1 mA
Ta = 25
°C
OUT
0
10
20
30
40
Reference Output Voltage vs. Supply Voltage
Supply Voltage VCC (V)
Reference Output Voltage Variation vs. Ambient Temperature
Ambient Temperature Ta (
°C)
Frequency (Hz)
Ambient Temperature Ta (
°C)
Dead Time Input Voltage VD.T.C (V)
Drop-Out Voltage vs. Ambient Temperature
Open Loop Gain, Phase Variation vs. Frequency
Output Transistor “ON” Duty vs.
Dead Time Input Voltage (1)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–20
0
25
50
75
85
V
CC = 6 V
I
OUT = 1 mA
16 15 141312 11 10 9
1 2 34 5 6 78
HA17451A
A
V
1 mA
0.4
0.3
0.2
0.1
0
–20
0
25
50
75
85
Vdrop = V
– Vref (V
= 3 V)
V
: Vref (V
= 3 V) – Vref (X) > 5 mV
CC (X)
CC (X)
CC
CC
100
1 k
10 k
100 k
1 M
10 M
100
90
80
70
60
50
40
30
20
10
0
V
= 6 V
Ta = 25
°C
CC
Av
φ
Dead Time Input Voltage VD.T.C (V)
Output Transistor “ON” Duty vs.
Dead Time Input Voltage (2)
0
20
40
60
80
100
1.00
1.25
1.50
1.75
2.00
2.25
V
= 6 V
C = 33000 pF
R = 39 k
f
= 0.8 kHz
Ta = 25
°C
CC
T
T
OSC
0
20
40
60
80
100
1.00
1.25
1.50
1.75
2.00
2.25
V
= 6 V
C = 330 pF
R = 10 k
f
= 200 kHz
Ta = 25
°C
CC
T
T
OSC


Similar Part No. - HA17451

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17451 RENESAS-HA17451 Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
HA17451 RENESAS-HA17451 Datasheet
439Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
More results

Similar Description - HA17451

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9700A ROHM-BA9700A Datasheet
141Kb / 7P
   Switching regulator for DC / DC Converters
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H Datasheet
125Kb / 4P
   Switching Regulator Application DC-DC Converters
logo
Diodes Incorporated
ZXSC4X0 DIODES-ZXSC4X0 Datasheet
483Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
ZXSC410 DIODES-ZXSC410_15 Datasheet
512Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
logo
Torex Semiconductor
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
logo
Hitachi Semiconductor
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
logo
Renesas Technology Corp
HA16114P RENESAS-HA16114P Datasheet
499Kb / 38P
   Switching Regulator for Chopper Type DC/DC Converter
HA16116FP RENESAS-HA16116FP Datasheet
439Kb / 34P
   Switching Regulator for Chopper Type DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com