Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJW24S15-800 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # RJW24S15-800
Description  12 Watt DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RJW24S15-800 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  RJW24S15-800 Datasheet HTML 1Page - Wall Industries,Inc. RJW24S15-800 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
RJW Series
Single and Dual Output
4:1 Input Voltage Range
12 Watt DC/DC Converter
FEATURES
● UL/CUL 1950
● Regulated Output
● > 1500VDC I/O Isolation
● Over Voltage Protection
● Single and Dual Outputs
● Output Power up to 12 Watts
● Continuous Short Circuit Protection
● 4:1 Ultra Wide Input Range, High Efficiency
● Six Sided Shielded, Low Profile 0.4” Height
● No External Input or Output Filtering Required
● Ideal for Telecom and Networking Applications
● Industry Compatible Pin Out, 2” x 1” Form Factor
SPECIFICATIONS: RJW Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT (Vin)
24VDC nominal input voltage models
9
24
36
VDC
Input Voltage Range
48VDC nominal input voltage models
18
48
75
VDC
Input Filter
LC Filter
Remote ON/OFF
Pin 6 (optional see notes 2 and 3)
TTL Logic
OUTPUT (Vo)
Output Voltage Range
See Table
Output Voltage Accuracy
±1.0
% of Vo
Load Regulation
10% - 100% load
±0.5
%
Line Regulation
High Line / Low Line
±0.5
%
Output Power
12
W
Output Current Range
See Table
Ripple & Noise (20MHz)
< 75
mVpk-pk
Transient Response
Within ±1% Vout
< 500
µs
REMOTE ON/OFF (POSITIVE REFERENCED)
Supply On
2.5VDC to 5.5VDC or Open Circuit
Supply Off
-0.7
0.8
VDC
Standby Input Current
10
mA
Control Common
Referenced to Negative Input
REMOTE ON/OFF (NEGATIVE REFERENCED)
Supply On
-0.7
1.2
VDC
Supply Off
3.5VDC to 10VDC or open circuit
Source Current Remote Pin
1
mA
Control Common
Referenced to Negative Input
PROTECTION
Over Current Protection
Limiting (% of Iout)
Short Circuit Protection
Continuous
GENERAL
Efficiency
See Table
Switching Frequency
400
KHz
Isolation Voltage (input to output)
>100MΩ Resistance (60 seconds)
> 1500
VDC
ENVIRONMENTAL
Operating Temperature (Ambient)
No derating
-40
+71
°C
Storage Temperature
-40
+125
°C
Case Temperature
100
°C
PHYSICAL
Weight
Approximately 1 oz
Dimensions
Case without pin
2(L) x 1(W) x 0.4(H) inches
Case Material
Metal Case
TYPICAL APPLICATIONS
● Low Profile & Height PCB
● On-Board Distributed Power
● 9V-36V or 18V-75VDC Telecom Input
Dimensions: 2” x 1” x 0.4”


Similar Part No. - RJW24S15-800

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
RJW24S15-800 WALL-RJW24S15-800 Datasheet
127Kb / 2P
   Single and Dual Output 4:1 Input Voltage Range 12 Watt DC/DC Converter
More results

Similar Description - RJW24S15-800

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM12TW-Z AIMTEC-AM12TW-Z_13 Datasheet
283Kb / 4P
   12 Watt | DC-DC Converter
AM12E-FZ AIMTEC-AM12E-FZ Datasheet
328Kb / 4P
   12 Watt | DC-DC Converter
AM12T-Z AIMTEC-AM12T-Z Datasheet
348Kb / 3P
   12 Watt | DC-DC Converter
AM12T-Z AIMTEC-AM12T-Z_13 Datasheet
350Kb / 3P
   12 Watt | DC-DC Converter
AM12TW-Z AIMTEC-AM12TW-Z Datasheet
381Kb / 4P
   12 Watt | DC-DC Converter
logo
TRACO Electronic AG
THD12 TRACOPOWER-THD12 Datasheet
919Kb / 5P
   DC/DC Converter THD 12 Series, 12 Watt
Rev. November 30, 2022
logo
AIMTEC
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ Datasheet
235Kb / 3P
   Up to 12 Watt | DC-DC Converter
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ_1 Datasheet
199Kb / 3P
   Up to 12 Watt | DC-DC Converter
logo
TRACO Electronic AG
THD12WI TRACOPOWER-THD12WI Datasheet
926Kb / 4P
   DC/DC Converter THD 12WI Series, 12 Watt
Rev. November 30, 2022
TMR12WI TRACOPOWER-TMR12WI Datasheet
908Kb / 5P
   DC/DC Converter TMR 12WI Series, 12 Watt
Rev. November 30, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com