Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JFC12D15-10 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # JFC12D15-10
Description  10 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC12D15-10 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  JFC12D15-10 Datasheet HTML 1Page - Wall Industries,Inc. JFC12D15-10 Datasheet HTML 2Page - Wall Industries,Inc. JFC12D15-10 Datasheet HTML 3Page - Wall Industries,Inc. JFC12D15-10 Datasheet HTML 4Page - Wall Industries,Inc. JFC12D15-10 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Wall Industries, Inc.
Rev B
JFC10 SERIES
10 Watt DC/DC Power Converters
02/03/2014
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 5
EMI CONSIDERATIONS
Suggested Schematic for EN55022 Conducted & Radiated Emissions
Recommended Layout with Input Filter
+INPUT
-INPUT
C1
LOAD
+Vin
+Vout
-Vin
-Vout
DC/DC
CONVERTER
Component
Value
Voltage
Reference
C1
10µF
25V
1812 MLCC
MODEL NUMBER SETUP
JFC
24
S
05
-
10
R
H
Series Name
Input Voltage
Output Quantity
Ouptut Voltage
Output Power
Remote ON/OFF, CTRL, and TRIM Pins
Heatsink
12:
9-18 VDC
S:
Single Output
33:
3.3 VDC
10:
10 Watts
None:
Positive Logic Remote On/Off
None:
No Heatsink
24:
18-36 VDC
05:
5 VDC
R:
Negative Logic Remote On/Off
HC:
Heatsink
48:
36-75 VDC
12:
12 VDC
D:
Without CTRL Pin
15:
15 VDC
G:
Without CTRL and TRIM Pins
24:
24 VDC
F:
Positive Logic without TRIM Pin
D:
Dual Output
05:
±5 VDC
RF:
Negative Logic without TRIM Pin
12:
±12 VDC
15:
±15 VDC
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development engineers will provide a
solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008 certification is just one example of our
commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its customers to
ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for your project above and
beyond the design and production phases. Give us a call today to discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Road
Exeter, NH 03833


Similar Part No. - JFC12D15-10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC12D15-10 WALL-JFC12D15-10 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFC12D15-1000D WALL-JFC12D15-1000D Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC12D15-1000F WALL-JFC12D15-1000F Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC12D15-1000G WALL-JFC12D15-1000G Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC12D15-1000R WALL-JFC12D15-1000R Datasheet
720Kb / 11P
   Six-Sided Shielding
More results

Similar Description - JFC12D15-10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10 Datasheet
762Kb / 5P
   10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
JR WALL-JR Datasheet
348Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10_16 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com