Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP48S48-100 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # SP48S48-100
Description  100W DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

SP48S48-100 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  SP48S48-100 Datasheet HTML 1Page - Wall Industries,Inc. SP48S48-100 Datasheet HTML 2Page - Wall Industries,Inc. SP48S48-100 Datasheet HTML 3Page - Wall Industries,Inc. SP48S48-100 Datasheet HTML 4Page - Wall Industries,Inc. SP48S48-100 Datasheet HTML 5Page - Wall Industries,Inc. SP48S48-100 Datasheet HTML 6Page - Wall Industries,Inc. SP48S48-100 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev C
APPLICATION NOTES
WALL INDUSTRIES, INC.
SP & SPW SERIES
(888) 597-WALL
www.wallindustries.com
4 of 7
Output Voltage Trim
The following information is provided to allow quick calculation of the trim resistor value for a desired output voltage. The general
procedure for calculating a trim resistor is as follows:
1.
Determine the desired output voltage (Vo)
2.
Select Equation. (Trim Low/Trim High)
3.
Use the data in Table 1 to complete the equation.
4.
Evaluate.
In order to trim low use Equation 1 and Table 1 to calculate resistor RTL for the desired output voltage.
Vo - Desired output voltage.
All resistor values in K ohms.
In order to trim high use Equation 2 and Table 1 to calculate resistor RTH for the desired output voltage.
Vo - Desired output voltage.
All resistor values in K ohms.
MODEL
(Output Voltage)
RH
(K OHMS)
RLIM
(K OHMS)
RL
(K OHMS)
VREF
(VOLTS)
3.3V
0.750
0.499
2.32
2.495
5.0V
2.49
10.0
2.49
2.495
8.0V
5.49
10.0
2.49
2.495
9.0V
6.49
10.0
2.49
2.495
12.0V
9.53
13.7
2.49
2.495
15.0V
12.4
13.7
2.49
2.495
24.0V
21.5
15.4
2.49
2.495
26.0V
17.6
15.4
1.87
2.495
32.0V
23.7
12.7
2.00
2.495
Table 1 : Trim Low/High Data Table.
Note: Output trim +/- 10% max.
Schematic 1: Trim Low
Equation 1: Trim Low
LIM
REF
o
R
R
V
REF
o
L
R
V
V
V
V
RT
H
L
REF
))
(
(
)
(
1
Schematic 2: Trim High
Equation 2: Trim High
RT
V
R
H
REF
VV
R
V
R
LIM
oREF
H
REF
L


Similar Part No. - SP48S48-100

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
SP48S48-100 WALL-SP48S48-100 Datasheet
182Kb / 4P
   Isolated and Regulated
More results

Similar Description - SP48S48-100

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
SP24S12-100 WALL-SP24S12-100 Datasheet
254Kb / 7P
   100W DC-DC Converter
logo
List of Unclassifed Man...
HDD100 ETC1-HDD100 Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
logo
Wall Industries,Inc.
SP48S12-100 WALL-SP48S12-100 Datasheet
249Kb / 7P
   100W DC-DC Converter
SPW48S5-100 WALL-SPW48S5-100 Datasheet
198Kb / 7P
   100W DC-DC Converter
SPW48S12-100TH WALL-SPW48S12-100TH Datasheet
220Kb / 7P
   100W DC-DC Converter
logo
PULS GmbH
QS5.241-60 PULS-QS5.241-60 Datasheet
798Kb / 27P
   24V, 100W, DC/DC CONVERTER
logo
Mean Well Enterprises C...
SD-100 MEANWELL-SD-100_11 Datasheet
375Kb / 2P
   100W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-100 ASTRODYNE-SD-100 Datasheet
202Kb / 2P
   100W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-100 MEANWELL-SD-100 Datasheet
374Kb / 2P
   100W Single Output DC-DC Converter
SD-100 MEANWELL-SD-100_10 Datasheet
376Kb / 2P
   100W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com