Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JFC24D12-10 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # JFC24D12-10
Description  10 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFC24D12-10 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  JFC24D12-10 Datasheet HTML 1Page - Wall Industries,Inc. JFC24D12-10 Datasheet HTML 2Page - Wall Industries,Inc. JFC24D12-10 Datasheet HTML 3Page - Wall Industries,Inc. JFC24D12-10 Datasheet HTML 4Page - Wall Industries,Inc. JFC24D12-10 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc.
Rev B
JFC10 SERIES
10 Watt DC/DC Power Converters
02/03/2014
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
FEATURES
High Efficiency up to 91%
Remote On/Off Control
2:1 Wide Input Voltage Ranges
Six-Sided Continuous Shielding
Ultra Low Quiescent Current
No Minimum Load Requirements
Single and Dual Outputs
Fixed Switching Frequency
Built-in EN55022 Class B Filter
10 Watts Maximum Output Power
Short Circuit, Over Voltage, Over Load, & Under-Voltage Protection
Wide Operating Temperature Range: -40°C to +85°C
Compliant to RoHS EU Directive 2011/65/EU
UL60950-1, EN60950-1, & IEC60950-1 Safety Approvals
CE Mark meets 2006/95/EC, 2011/95/EC, and 2004/108/EC
Optional Heatsink Available (Suffix “HC”)
DESCRIPTION
Size:
1.00 x 1.00 x 0.39 inches
(25.4 x 25.4 x 9.9 mm)
Options:
Negative Logic Remote ON/OFF
Without Trim pin
Without CTRL Pin
Heatsink
The JFC10 series of DC/DC power converters provides 10 Watts of output power in an industry standard 1.00” x
1.00” x 0.39” package and footprint. This series has single and dual output models with 2:1 wide input voltage
ranges of 9-18VDC, 18-36VDC, and 36-75VDC. Some features include high efficiency up to 91%, 1600VDC I/O
isolation, six-sided shielding, and remote on/off control. These converters are also protected against short circuit,
over voltage, over load, and under-voltage. All models are RoHS compliant and have UL60950-1, EN60950-1, and
IEC60950-1 safety approvals. This series is best suited for use in wireless networks, telecom/datacom, industry
control systems, measurement equipment, and semiconductor equipment.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Output Current
Model Number
Input Voltage Range
Output
Voltage
Min Load
Max Load
Output
Ripple & Noise
No Load
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
JFC12S33-10
3.3 VDC
0mA
3000mA
40mVp-p
10mA
9.9W
83%
3500µF
JFC12S05-10
5 VDC
0mA
2000mA
40mVp-p
10mA
10W
86%
2500µF
JFC12S12-10
12 VDC
0mA
830mA
60mVp-p
10mA
10W
89%
430µF
JFC12S15-10
15 VDC
0mA
670mA
60mVp-p
10mA
10W
90%
350µF
JFC12S24-10
12 VDC
(9 – 18 VDC)
24 VDC
0mA
416mA
60mVp-p
10mA
10W
91%
125µF
JFC24S33-10
3.3 VDC
0mA
3000mA
40mVp-p
6mA
9.9W
85%
3500µF
JFC24S05-10
5 VDC
0mA
2000mA
40mVp-p
6mA
10W
86%
2500µF
JFC24S12-10
12 VDC
0mA
830mA
60mVp-p
6mA
10W
91%
430µF
JFC24S15-10
15 VDC
0mA
670mA
60mVp-p
6mA
10W
90%
350µF
JFC24S24-10
24 VDC
(18 – 36 VDC)
24 VDC
0mA
416mA
60mVp-p
6mA
10W
91%
125µF
JFC48S33-10
3.3 VDC
0mA
3000mA
40mVp-p
4mA
9.9W
85%
3500µF
JFC48S05-10
5 VDC
0mA
2000mA
40mVp-p
4mA
10W
87%
2500µF
JFC48S12-10
12 VDC
0mA
830mA
60mVp-p
4mA
10W
90%
430µF
JFC48S15-10
15 VDC
0mA
670mA
60mVp-p
4mA
10W
90%
350µF
JFC48S24-10
48 VDC
(36 – 75 VDC)
24 VDC
0mA
416mA
60mVp-p
4mA
10W
91%
125µF
DUAL OUTPUT MODELS
Output Current
Model Number
Input Voltage Range
Output
Voltage
Min Load
Max Load
Output
Ripple & Noise
No Load
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
JFC12D05-10
±5 VDC
0mA
±1000mA
40mVp-p
10mA
10W
86%
±1440µF
JFC12D12-10
±12 VDC
0mA
±416mA
60mVp-p
10mA
10W
89%
±250µF
JFC12D15-10
12 VDC
(9 – 18 VDC)
±15 VDC
0mA
±333mA
60mVp-p
10mA
10W
90%
±180µF
JFC24D05-10
±5 VDC
0mA
±1000mA
40mVp-p
6mA
10W
86%
±1440µF
JFC24D12-10
±12 VDC
0mA
±416mA
60mVp-p
6mA
10W
90%
±250µF
JFC24D15-10
24 VDC
(18 – 36 VDC)
±15 VDC
0mA
±333mA
60mVp-p
6mA
10W
90%
±180µF
JFC48D05-10
±5 VDC
0mA
±1000mA
40mVp-p
4mA
10W
87%
±1440µF
JFC48D12-10
±12 VDC
0mA
±416mA
60mVp-p
4mA
10W
91%
±250µF
JFC48D15-10
48 VDC
(36 – 75 VDC)
±15 VDC
0mA
±333mA
60mVp-p
4mA
10W
90%
±180µF


Similar Part No. - JFC24D12-10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC24D12-10 WALL-JFC24D12-10 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFC24D12-1000D WALL-JFC24D12-1000D Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC24D12-1000F WALL-JFC24D12-1000F Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC24D12-1000G WALL-JFC24D12-1000G Datasheet
720Kb / 11P
   Six-Sided Shielding
JFC24D12-1000R WALL-JFC24D12-1000R Datasheet
720Kb / 11P
   Six-Sided Shielding
More results

Similar Description - JFC24D12-10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10 Datasheet
762Kb / 5P
   10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
JR WALL-JR Datasheet
348Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10_16 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com