Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSKW24D12UW5 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # MSKW24D12UW5
Description  5 Watt DC/DC Converter Single and Dual Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSKW24D12UW5 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  MSKW24D12UW5 Datasheet HTML 1Page - Wall Industries,Inc. MSKW24D12UW5 Datasheet HTML 2Page - Wall Industries,Inc. MSKW24D12UW5 Datasheet HTML 3Page - Wall Industries,Inc. MSKW24D12UW5 Datasheet HTML 4Page - Wall Industries,Inc. MSKW24D12UW5 Datasheet HTML 5Page - Wall Industries,Inc. MSKW24D12UW5 Datasheet HTML 6Page - Wall Industries,Inc. MSKW24D12UW5 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
MSKUW Series
5 Watt DC/DC Converter
Single and Dual Outputs
4:1 Ultra Wide Input Voltage Range
Rev A
OUTPUT VOLTAGE / CURRENT RATING CHARTS
SINGLE OUTPUT MODELS
Output Current
Input Current
Model Number
Input Voltage
Output
Voltage
Min
Max
No Load Max Load
Reflected
Ripple Current
Efficiency (Typ)
Maximum
Capacitive Load
MSKW24S33UW4
3.3 VDC
120mA
1200mA
217mA
76%
2000µF
MSKW24S5UW5
5 VDC
100mA
1000mA
260mA
80%
2000µF
MSKW24S12UW5
12 VDC
41.7mA
417mA
251mA
83%
470µF
MSKW24S15UW5
24 VDC
(9 ~ 36 VDC)
15 VDC
33.3mA
333mA
20mA
251mA
15mA
83%
330µF
MSKW48S33UW4
3.3 VDC
120mA
1200mA
109mA
76%
2000µF
MSKW48S5UW5
5 VDC
100mA
1000mA
130mA
80%
2000µF
MSKW48S12UW5
12 VDC
41.7mA
417mA
126mA
83%
470µF
MSKW48S15UW5
48 VDC
(18 ~ 75 VDC)
15 VDC
33.3mA
333mA
10mA
125mA
10mA
83%
330µF
DUAL OUTPUT MODELS
Output Current
Input Current
Model Number
Input Voltage
Output
Voltage
Min
Max
No Load Max Load
Reflected
Ripple Current
Efficiency (Typ)
Maximum
Capacitive Load
MSKW24D5UW5
±5 VDC
±50mA
±500mA
260mA
80%
680µF
MSKW24D12UW5
±12 VDC
±20.8mA
±208mA
251mA
83%
330µF
MSKW24D15UW5
24 VDC
(9 ~ 36 VDC)
±15 VDC
±16.7mA
±167mA
20mA
252mA
15mA
83%
220µF
MSKW48D5UW5
±5 VDC
±50mA
±500mA
130mA
80%
680µF
MSKW48D12UW5
±12 VDC
±20.8mA
±208mA
125mA
83%
330µF
MSKW48D15UW5
48 VDC
(18 ~ 75 VDC)
±15 VDC
±16.7mA
±167mA
10mA
126mA
10mA
83%
220µF
NOTES
1. Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
2. The MSKUW series requires a minimum output loading to maintain specified regulations. Operation under no-load conditions will not
damage these devices, however they may not meet all listed specifications.
3. All DC/DC converters should be externally fused at the front end for protection.
4. Other input and output voltages may be available, please contact factory.
5. It is not recommended to use the water-washing process on SMT units.
BLOCK DIAGRAMS
Single Output
Dual Output


Similar Part No. - MSKW24D12UW5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MSKW24D12UW5 WALL-MSKW24D12UW5 Datasheet
204Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 4:1 Ultra Wide Input Voltage Range
More results

Similar Description - MSKW24D12UW5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMFPU01H WALL-DCMFPU01H Datasheet
347Kb / 5P
   1 Watt DC/DC Converter Single and Dual Outputs
logo
Volgen Kaga Electronics...
B5R-1203 VOLGEN-B5R-1203 Datasheet
342Kb / 3P
   5 WATT DC/DC CONVERTER, SINGLE & MULTIPLE OUTPUTS
logo
Wall Industries,Inc.
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
logo
Volgen Kaga Electronics...
FDC15-24S05 VOLGEN-FDC15-24S05 Datasheet
238Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
List of Unclassifed Man...
FDC15-24S05 ETC-FDC15-24S05 Datasheet
174Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
Wall Industries,Inc.
MSKW WALL-MSKW_16 Datasheet
209Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
ME12S5-1000W WALL-ME12S5-1000W Datasheet
175Kb / 6P
   5600VDC I/O Isolation Single and Dual Outputs 5~6 Watt Medical DC/DC Converter
logo
List of Unclassifed Man...
MT5 ETC1-MT5 Datasheet
280Kb / 2P
   5 WATT DC//DC CONVERTER SIINGLE & MULTIIPLE OUTPUTS
logo
Wall Industries,Inc.
KR WALL-KR Datasheet
96Kb / 3P
   Single and Dual Outputs 6 Watt DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com