Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JR24D5-1000 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # JR24D5-1000
Description  10 Watt DC/DC Power Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JR24D5-1000 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  JR24D5-1000 Datasheet HTML 1Page - Wall Industries,Inc. JR24D5-1000 Datasheet HTML 2Page - Wall Industries,Inc. JR24D5-1000 Datasheet HTML 3Page - Wall Industries,Inc. JR24D5-1000 Datasheet HTML 4Page - Wall Industries,Inc. JR24D5-1000 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. D
JR Series
Single & Dual Outputs
2:1 Input Voltage Ranges
10 Watt DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
04/20/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 5
CHARACTERISTICS
-40
-20
0
20
40
60
80
100
120
77.2
120
100
80
60
40
20
0
JR48S5-2000 Derating Curve
-40
-20
0
20
40
60
80
100
120
81
120
100
80
60
40
20
0
JR48S5-2000 Derating Curve with Heatsink
36
40
44
48
52
56
60
64
68
72
75
90
85
80
75
70
65
60
JR48S5-2000 Efficiency vs Input Voltage
10
20
30
40
50
60
70
80
90
100
90
85
80
75
70
65
60
JR48S5-2000 Efficiency vs Output Load
EMI FILTER
Recommended Filter for EN55022 Class B Compliance
Recommended EN55022 Class B Filter Circuit Layout
+INPUT
-INPUT
C1
C2
L1
C3
C4
LOAD
+Vin
+Vout
-Vin
-Vout
DC/DC
CONVERTER
The components used in the figure above are as follows:
Model
C1
C2
C3
C4
L1
12VDC
nominal input
3.3µF/50V
1812 MLCC
N/A
1000P/2KV
MLCC
1000P/2KV
MLCC
325µH
Common Choke
PMT-050
24VDC
nominal input
2.2µF/50V
1812 MLCC
N/A
1000P/2KV
MLCC
1000P/2KV
MLCC
325µH
Common Choke
PMT-050
48VDC
nominal input
2.2µF/100V
1812 MLCC
2.2µF/100V
1812 MLCC
1000P/2KV
MLCC
1000P/2KV
MLCC
325µH
Common Choke
PMT-050


Similar Part No. - JR24D5-1000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JR24D5-1000 WALL-JR24D5-1000 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JR24D5-1000 WALL-JR24D5-1000 Datasheet
531Kb / 8P
   10 Watt DC/DC Power Converters Single and Dual Outputs
More results

Similar Description - JR24D5-1000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
   10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
   10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
   10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10 Datasheet
762Kb / 5P
   10 Watt DC/DC Power Converters
DCHUB10H WALL-DCHUB10H_16 Datasheet
449Kb / 4P
   10 Watt DC/DC Power Converters
JFCW10 WALL-JFCW10_16 Datasheet
583Kb / 5P
   10 Watt DC/DC Power Converters
logo
AIMTEC
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
   10 watt dc-dc converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com