Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM217LD13TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM217LD13TR
Description  Low current 1.2 to 37 V adjustable voltage regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217LD13TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM217LD13TR Datasheet HTML 3Page - STMicroelectronics LM217LD13TR Datasheet HTML 4Page - STMicroelectronics LM217LD13TR Datasheet HTML 5Page - STMicroelectronics LM217LD13TR Datasheet HTML 6Page - STMicroelectronics LM217LD13TR Datasheet HTML 7Page - STMicroelectronics LM217LD13TR Datasheet HTML 8Page - STMicroelectronics LM217LD13TR Datasheet HTML 9Page - STMicroelectronics LM217LD13TR Datasheet HTML 10Page - STMicroelectronics LM217LD13TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DocID2168 Rev 5
7/23
LM217L, LM317L
Electrical characteristics
23
(Refer to the test circuits, TJ = 0 to 125°C, VI - VO = 5 V, IO = 40 mA, unless otherwise
specified)
Table 4. Electrical characteristics of LM317L
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DVO
Line regulation
VI - VO = 3 to 40 V, IL < 20 mA
TJ = 25°C
0.01
0.04
%/V
0.02
0.07
DVO
Load regulation
VO ≤ 5 V, IO = 5 to 100 mA
TJ = 25°C
5
25
mV
20
70
VO ≥ 5 V, IO = 5 to 100 mA
TJ = 25°C
0.1
0.5
%
0.3
1.5
IADJ
Adjustment pin current
50
100
µA
DIADJ
Adjustment pin current
VI - VO = 3 to 40 V, IO = 5 to 100 mA
Pd < 625 mW
0.2
5
µA
VREF
Reference voltage
VI - VO = 3 to 40 V, IO = 5 to 100 mA
Pd < 625 mW
1.2
1.25
1.3
V
DVO/VO
Output voltage
temperature stability
0.7
%
IO(min)
Minimum load current
VI - VO = 40 V
3.5
5
mA
IO(max) Maximum output current
VI - VO = 3 to 13 V
100
200
mA
VI - VO = 40 V
50
eN
Output noise voltage
B = 10 Hz to 10 KHz, TJ = 25°C
0.003
%
SVR
Supply voltage rejection (1)
TJ = 25°C
f = 120 Hz
CADJ = 0
65
dB
CADJ = 10 µF
66
80
1.
CADJ is connected between adjust pin and ground.


Similar Part No. - LM217LD13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217LD13TR STMICROELECTRONICS-LM217LD13TR Datasheet
290Kb / 18P
   Low current 1.2 to 37V adjustable voltage regulator
More results

Similar Description - LM217LD13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217 STMICROELECTRONICS-LM217 Datasheet
1Mb / 34P
    1.2 V to 37 V adjustable voltage regulators
Rev 22 - December 2021
LM317K STMICROELECTRONICS-LM317K Datasheet
1Mb / 25P
   1.2 V to 37 V adjustable voltage regulators
LM117 STMICROELECTRONICS-LM117_08 Datasheet
1,023Kb / 25P
   1.2 V to 37 V adjustable voltage regulators
LM117 STMICROELECTRONICS-LM117_10 Datasheet
1Mb / 25P
   1.2 V to 37 V adjustable voltage regulators
LM317T-DG STMICROELECTRONICS-LM317T-DG Datasheet
1Mb / 25P
   1.2 V to 37 V adjustable voltage regulators
LM217M STMICROELECTRONICS-LM217M_08 Datasheet
766Kb / 21P
   Medium current 1.2 to 37 V adjustable voltage regulator
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
LM217L STMICROELECTRONICS-LM217L_07 Datasheet
290Kb / 18P
   Low current 1.2 to 37V adjustable voltage regulator
LM217L STMICROELECTRONICS-LM217L_05 Datasheet
536Kb / 13P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com