Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA17385HRP Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HA17385HRP
Description  High Speed Current Mode PWM Control IC for Switching Power Supply
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17385HRP Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HA17385HRP Datasheet HTML 1Page - Hitachi Semiconductor HA17385HRP Datasheet HTML 2Page - Hitachi Semiconductor HA17385HRP Datasheet HTML 3Page - Hitachi Semiconductor HA17385HRP Datasheet HTML 4Page - Hitachi Semiconductor HA17385HRP Datasheet HTML 5Page - Hitachi Semiconductor HA17385HRP Datasheet HTML 6Page - Hitachi Semiconductor HA17385HRP Datasheet HTML 7Page - Hitachi Semiconductor HA17385HRP Datasheet HTML 8Page - Hitachi Semiconductor HA17385HRP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
HA17384SPS/SRP, HA17384HPS/HRP,
HA17385HPS/HRP
High Speed Current Mode PWM Control IC
for Switching Power Supply
ADE-204-028A (Z)
2nd Edition
Nov. 1999
Description
The HA17384S/H and HA17385H are PWM control switching regulator IC series suitable for highspeed,
current-mode switching power supplies. With ICs from this series and a few external parts, a small, low
cost flyback-transformer switching power supply can be constructed, which facilitates good line regulation
by current mode control. Synchronous operation driven after an external signal can also be easily obtained
which offers various applications such as a power supply for monitors small multi-output power supply.
The IC series are composed of circuits required for a switching regulator IC. That is a under-voltage
lockout (UVL), a high precision reference voltage regulator (5.0 V ± 2%), a triangular wave oscillator for
timing generation, a high-gain error amplifier, and as totem pole output driver circuit which directly drives
the gate of power MOSFETs found in main switching devices. In addition, a pulse-by-pulse type, high-
speed, current-detection comparator circuit with variable detection level is incorporated which is required
for current mode control.
The HA17384SPS includes the above basic function circuits. In addition to these basic functions, the H
Series incorporates thermal shut-down protection (TSD) and overvoltage protection (OVP) functions, for
configuration of switching power supplies that meet the demand for high safety levels.
Between the HA17384 and HA17385, only the UVL threshold voltages differ as shown in the product
lineup table.(See next page.)
This IC is pin compatible with the “3842 family” ICs made by other companies in the electronics industry.
However, due to the characteristics of linear ICs, it is not possible to achieve ICs that offer full
compatibility in every detail.
Therefore, when using one of these ICs to replace another manufacturer’s IC, it must be recognized that it
has different electrical characteristics, and it is necessary to confirm that there is no problem with the power
supply (mounting) set used.


Similar Part No. - HA17385HRP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17385HRP RENESAS-HA17385HRP Datasheet
477Kb / 29P
   High Speed Current Mode PWM Control IC for Switching Power Supply
More results

Similar Description - HA17385HRP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17384SPS RENESAS-HA17384SPS Datasheet
477Kb / 29P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Hitachi Semiconductor
HA17384 HITACHI-HA17384 Datasheet
144Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
   Current Mode Control PWM Regulator IC For Switching Power Supplies
logo
Renesas Technology Corp
HA16150T RENESAS-HA16150T Datasheet
297Kb / 25P
   High-Speed Current Mode Push-Pull PWM Control IC
logo
List of Unclassifed Man...
SW2604 ETC2-SW2604 Datasheet
343Kb / 6P
   High performance current mode PWM switching power supply controller
logo
Shaanxi Reactor Micro...
RM6203 REACTOR-RM6203 Datasheet
313Kb / 7P
   High Performance Current Mode PWM Switching Power Supply controller
logo
Leshan Radio Company
LR5920 LRC-LR5920 Datasheet
638Kb / 12P
   High Performance Current Mode PWM Switching Power Supply Controller
logo
Fuji Electric
FA3647 FUJI-FA3647 Datasheet
406Kb / 21P
   PWM control IC with light load power saving function For Switching Power Supply Control
logo
STMicroelectronics
TEA2018A STMICROELECTRONICS-TEA2018A Datasheet
77Kb / 7P
   CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
May 1993
TEA2019 STMICROELECTRONICS-TEA2019 Datasheet
80Kb / 7P
   CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
August 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com