Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF6NS70UGS Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF6NS70UGS
Description  High dv/dt and avalanche capabilities
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF6NS70UGS Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF6NS70UGS Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF6NS70UGS Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF6NS70UGS Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF6NS70UGS Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF6NS70UGS Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF6NS70UGS Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF6NS70UGS Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF6NS70UGS Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SSF6NS70UGS
©Silikron Semiconductor CO.,LTD.
2013.07.17
Version : 1.0
page 1 of 8
www.silikron.com
Main Product Characteristics:
Features and Benefits:
Description:
Absolute max Rating:
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
6
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
3.7
IDM
Pulsed Drain Current
18
PD @TC = 25°C
Power Dissipation
28
W
Linear Derating Factor
0.224
W/°C
VDS
Drain-Source Voltage
700
V
VGS
Gate-to-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy @ L=100mH
72
mJ
IAS
Avalanche Current @ L=100mH
1.2
A
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
VDSS
700V
RDS(on)
1.1
Ω (typ.)
ID
6A
TO-251S
Marking and pin
Assignment
Schematic diagram
High dv/dt and avalanche capabilities
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
The SSF6NS70UGS series MOSFETs is a new technology, which combines an innovative super
junction technology and advance process.
This new technology achieves low Rdson, energy saving,
high reliability and uniformity, superior power density and space saving.


Similar Part No. - SSF6NS70UGS

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF6NS70UG SILIKRON-SSF6NS70UG Datasheet
463Kb / 8P
   High dv/dt and avalanche capabilities
logo
GOOD-ARK Electronics
SSF6NS70UG GOOD-ARK-SSF6NS70UG Datasheet
1Mb / 7P
   700V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF6NS70UGX SILIKRON-SSF6NS70UGX Datasheet
413Kb / 8P
   High dv/dt and avalanche capabilities
logo
GOOD-ARK Electronics
SSF6NS70UG GOOD-ARK-SSF6NS70UG_15 Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results

Similar Description - SSF6NS70UGS

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF11NS60UF SILIKRON-SSF11NS60UF Datasheet
444Kb / 8P
   High dv/dt and avalanche capabilities
SSF6NS70UG SILIKRON-SSF6NS70UG Datasheet
463Kb / 8P
   High dv/dt and avalanche capabilities
SSF20NS65F SILIKRON-SSF20NS65F Datasheet
386Kb / 8P
   High dv/dt and avalanche capabilities
SSF26NS60 SILIKRON-SSF26NS60 Datasheet
519Kb / 8P
   High dv/dt and avalanche capabilities
SSF5NS65UD SILIKRON-SSF5NS65UD Datasheet
475Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS65 SILIKRON-SSF11NS65 Datasheet
379Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS65U SILIKRON-SSF11NS65U Datasheet
484Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS70UG SILIKRON-SSF11NS70UG Datasheet
440Kb / 8P
   High dv/dt and avalanche capabilities
SSF7NS70UG SILIKRON-SSF7NS70UG Datasheet
468Kb / 8P
   High dv/dt and avalanche capabilities
SSF18NS60 SILIKRON-SSF18NS60 Datasheet
613Kb / 8P
   High dv/dt and avalanche capabilities
SSF7NS60F SILIKRON-SSF7NS60F Datasheet
574Kb / 8P
   High dv/dt and avalanche capabilities
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com