Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA17384 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HA17384
Description  High Speed Current Mode PWM Control IC for Switching Power Supply
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17384 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HA17384 Datasheet HTML 3Page - Hitachi Semiconductor HA17384 Datasheet HTML 4Page - Hitachi Semiconductor HA17384 Datasheet HTML 5Page - Hitachi Semiconductor HA17384 Datasheet HTML 6Page - Hitachi Semiconductor HA17384 Datasheet HTML 7Page - Hitachi Semiconductor HA17384 Datasheet HTML 8Page - Hitachi Semiconductor HA17384 Datasheet HTML 9Page - Hitachi Semiconductor HA17384 Datasheet HTML 10Page - Hitachi Semiconductor HA17384 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
HA17384SPS/SRP, HA17384HPS/HRP, HA17385HPS/HRP
7
Electrical Characteristics
(The condition is: Ta = 25°C, V
IN = 15 V, CT = 3300 pF, RT = 10 kΩ without notice)
Reference Part
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Note
Reference output voltage
Vref
4.9
5.0
5.1
V
Io = 1 mA
Line regulation
Regline
20
50
mV
12 V
≤ V
IN ≤ 25 V
Load regulation
Regload
10
25
mV
–1 mA
≥ Io ≥ –20 mA
Output short current
los
–30
–100
–180
mA
Vref = 0V
Temperature stability
∆Vref
80
ppm/
°C
Io = –1 mA,
–20
°C ≤ Ta ≤ 105°C
1
Output noise voltage
V
N
100
µV
10 Hz
≤ fnoise ≤ 10 kHz
1
Notes: 1. Reference value for design.
Triangular Wave Oscillator Part
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Note
Typical oscillating frequency
fosc Typ
47
52
57
kHz
C
T = 3300 pF,
R
T = 10 kΩ
Maximum oscillating
frequency
fosc Max
500
kHz
Supply voltage dependency of
oscillating frequency
∆fosc 1
±0.5
±2.0
%
12 V
≤ V
IN ≤ 25 V
Temperature dependency of
oscillating frequency
∆fosc 2
±5.0
%
–20
°C ≤ Ta ≤ 105°C1
Discharge current of C
T
Isink
CT
7.5
8.4
9.3
mA
V
CT = 2.0 V
Low level threshold voltage
V
TLCT
1.2
V
1
High level threshold voltage
V
THCT
2.8
V
1
Triangular wave amplitude
∆V
CT
1.6
V
∆V
CT = VTHCT – VTLCT
1
Notes: 1. Reference value for design.


Similar Part No. - HA17384

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17384 HITACHI-HA17384 Datasheet
144Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
HA17384FP HITACHI-HA17384FP Datasheet
159Kb / 6P
   CURRENT MODE PWM CONTROL SWITTCHING REGULATOR ICS
logo
Renesas Technology Corp
HA17384HPS RENESAS-HA17384HPS Datasheet
477Kb / 29P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Hitachi Semiconductor
HA17384HPS/HRP HITACHI-HA17384HPS/HRP Datasheet
144Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Renesas Technology Corp
HA17384HRP RENESAS-HA17384HRP Datasheet
477Kb / 29P
   High Speed Current Mode PWM Control IC for Switching Power Supply
More results

Similar Description - HA17384

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17384SPS RENESAS-HA17384SPS Datasheet
477Kb / 29P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Hitachi Semiconductor
HA17384 HITACHI-HA17384 Datasheet
144Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
   Current Mode Control PWM Regulator IC For Switching Power Supplies
logo
Renesas Technology Corp
HA16150T RENESAS-HA16150T Datasheet
297Kb / 25P
   High-Speed Current Mode Push-Pull PWM Control IC
logo
List of Unclassifed Man...
SW2604 ETC2-SW2604 Datasheet
343Kb / 6P
   High performance current mode PWM switching power supply controller
logo
Shaanxi Reactor Micro...
RM6203 REACTOR-RM6203 Datasheet
313Kb / 7P
   High Performance Current Mode PWM Switching Power Supply controller
logo
Leshan Radio Company
LR5920 LRC-LR5920 Datasheet
638Kb / 12P
   High Performance Current Mode PWM Switching Power Supply Controller
logo
Fuji Electric
FA3647 FUJI-FA3647 Datasheet
406Kb / 21P
   PWM control IC with light load power saving function For Switching Power Supply Control
logo
STMicroelectronics
TEA2018A STMICROELECTRONICS-TEA2018A Datasheet
77Kb / 7P
   CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
May 1993
TEA2019 STMICROELECTRONICS-TEA2019 Datasheet
80Kb / 7P
   CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
August 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com