Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF11NS60D Datasheet(PDF) 4 Page - Silikron Semiconductor Co.,LTD.

Part # SSF11NS60D
Description  High dv/dt and avalanche capabilities
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF11NS60D Datasheet(HTML) 4 Page - Silikron Semiconductor Co.,LTD.

  SSF11NS60D Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF11NS60D Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF11NS60D Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF11NS60D Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF11NS60D Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF11NS60D Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF11NS60D Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF11NS60D Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SSF11NS60D
©Silikron Semiconductor CO.,LTD.
2012.06.20
Version : 1.0
page 4 of 8
www.silikron.com
Typical electrical and thermal characteristics
Figure 2.
Typ. Gate to source cut-off voltage
Figure 1: Power dissipation
Figure 3.
Typ. gate charge
Figure 4:
Typ. Capacitances


Similar Part No. - SSF11NS60D

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF11NS60D GOOD-ARK-SSF11NS60D Datasheet
709Kb / 7P
   600V N-Channel MOSFET
SSF11NS60D GOOD-ARK-SSF11NS60D_15 Datasheet
709Kb / 7P
   600V N-Channel MOSFET
More results

Similar Description - SSF11NS60D

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF11NS60UF SILIKRON-SSF11NS60UF Datasheet
444Kb / 8P
   High dv/dt and avalanche capabilities
SSF6NS70UG SILIKRON-SSF6NS70UG Datasheet
463Kb / 8P
   High dv/dt and avalanche capabilities
SSF20NS65F SILIKRON-SSF20NS65F Datasheet
386Kb / 8P
   High dv/dt and avalanche capabilities
SSF26NS60 SILIKRON-SSF26NS60 Datasheet
519Kb / 8P
   High dv/dt and avalanche capabilities
SSF5NS65UD SILIKRON-SSF5NS65UD Datasheet
475Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS65 SILIKRON-SSF11NS65 Datasheet
379Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS65U SILIKRON-SSF11NS65U Datasheet
484Kb / 8P
   High dv/dt and avalanche capabilities
SSF11NS70UG SILIKRON-SSF11NS70UG Datasheet
440Kb / 8P
   High dv/dt and avalanche capabilities
SSF7NS70UG SILIKRON-SSF7NS70UG Datasheet
468Kb / 8P
   High dv/dt and avalanche capabilities
SSF18NS60 SILIKRON-SSF18NS60 Datasheet
613Kb / 8P
   High dv/dt and avalanche capabilities
SSF7NS60F SILIKRON-SSF7NS60F Datasheet
574Kb / 8P
   High dv/dt and avalanche capabilities
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com