Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA178M07 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HA178M07
Description  3-terminal Fixed Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA178M07 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HA178M07 Datasheet HTML 1Page - Hitachi Semiconductor HA178M07 Datasheet HTML 2Page - Hitachi Semiconductor HA178M07 Datasheet HTML 3Page - Hitachi Semiconductor HA178M07 Datasheet HTML 4Page - Hitachi Semiconductor HA178M07 Datasheet HTML 5Page - Hitachi Semiconductor HA178M07 Datasheet HTML 6Page - Hitachi Semiconductor HA178M07 Datasheet HTML 7Page - Hitachi Semiconductor HA178M07 Datasheet HTML 8Page - Hitachi Semiconductor HA178M07 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
HA178M00 Series
3
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Rating
Unit
Notes
Input voltage
V
IN
35
V
1
Input voltage
V
IN
40
V
2
Power dissipation
P
T
7.5
W
3
Operating temperature
Topr
–20 to +75
°C
Junction temperature
Tj
–20 to +125
°C
Storage temperature
Tstg
–55 to +125
°C
Notes: 1. For HA178M05P–HA178M18P, HA178M05–HA178M18
2. For HA178M20P, HA178M24P, HA178M20, HA178M24
3. Follow derating curve
8
6
4
2
0
20
40
60
80
100
120
140
Ambient Temperature Ta(
°C)
(3)
(4)
(1) Infinite heat sink
(2) 5
°C/W heat sink
(3) 15
°C/W heat sink
(4) No heat sink
Thermal resistance
θjc = 3.0°C/W (typ)
5.0
°C/W (max)
θja = 62°C/W (typ)
72
°C/W (max)
(1)
)Include fixed
thermal resistance
(2)


Similar Part No. - HA178M07

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17800V HITACHI-HA17800V Datasheet
62Kb / 16P
   3-terminal Fixed Voltage Regulators
HA17805V HITACHI-HA17805V Datasheet
62Kb / 16P
   3-terminal Fixed Voltage Regulators
HA17805VP HITACHI-HA17805VP Datasheet
62Kb / 16P
   3-terminal Fixed Voltage Regulators
HA17805VPJ HITACHI-HA17805VPJ Datasheet
62Kb / 16P
   3-terminal Fixed Voltage Regulators
HA17806V HITACHI-HA17806V Datasheet
62Kb / 16P
   3-terminal Fixed Voltage Regulators
More results

Similar Description - HA178M07

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA178L15 HITACHI-HA178L15 Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
HA17800V HITACHI-HA17800V Datasheet
62Kb / 16P
   3-terminal Fixed Voltage Regulators
HA178L12 HITACHI-HA178L12 Datasheet
82Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L00 HITACHI-HA178L00 Datasheet
72Kb / 21P
   3-terminal Fixed Voltage Regulators
logo
Renesas Technology Corp
HA178L02 RENESAS-HA178L02 Datasheet
233Kb / 9P
   3-terminal Fixed Voltage Regulators
HA178L00 RENESAS-HA178L00 Datasheet
230Kb / 16P
   3-terminal Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
List of Unclassifed Man...
PJ7800 ETC-PJ7800 Datasheet
381Kb / 9P
   3-Terminal Fixed Voltage Positive Regulators
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com