Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA17902PJ Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HA17902PJ
Description  Quad Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17902PJ Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HA17902PJ Datasheet HTML 1Page - Hitachi Semiconductor HA17902PJ Datasheet HTML 2Page - Hitachi Semiconductor HA17902PJ Datasheet HTML 3Page - Hitachi Semiconductor HA17902PJ Datasheet HTML 4Page - Hitachi Semiconductor HA17902PJ Datasheet HTML 5Page - Hitachi Semiconductor HA17902PJ Datasheet HTML 6Page - Hitachi Semiconductor HA17902PJ Datasheet HTML 7Page - Hitachi Semiconductor HA17902PJ Datasheet HTML 8Page - Hitachi Semiconductor HA17902PJ Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HA17902 Series
4
Electrical Characteristics 1 (V
CC = + 15V, Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input offset voltage
V
IO
38mV
V
CM = 7.5V, RS = 50Ω, Rf = 5kΩ
Input offset current
I
IO
5
50
nA
I
IO = | II
– I
I
+
|, V
CM = 7.5V
Input bias current
I
IB
30
500
nA
V
CM = 7.5V
Power-supply
rejection ratio
PSRR
93
dB
f = 100Hz, R
S = 1kΩ, Rf = 100kΩ
Voltage gain
A
VD
75
90
dB
R
S = 1kΩ, Rf = 100kΩ, RL = ∞
Common-mode
rejection ratio
CMR
80
dB
R
S = 50Ω, Rf = 5kΩ
Common-mode input
voltage range
V
CM
–0.3
13.5
V
R
S = 1kΩ, Rf = 100kΩ, f = 100Hz
Maximum output
voltage amplitude
V
OP-P
13.6
V
f = 100Hz, R
S = 1kΩ, Rf = 100kΩ,
R
L = 20kΩ
Output voltage
V
OH1
13.2
13.6
V
I
OH = –1mA
V
OH2
12
13.3
V
I
OH = –10mA
V
OL1
0.8
1
V
I
OL = 1mA
V
OL2
1.1
1.8
V
I
OL = 10mA
Output source current
Io source
15
mA
V
OH = 10V
Output sink current
Io sink
3
9
mA
V
OL = 1V
Supply current
I
CC
0.8
2
mA
Vin = GND, R
L = ∞
Slew rate
SR
0.19
V/
µs
f = 1.5kHz, V
CM = 7.5V, RL = ∞
Channel separation
CS
120
dB
f = 1kHz
Electrical Characteristics 2 (V
CC = + 15V, Ta = – 40 to 125°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input offset voltage
V
IO
——8
mV
V
CM = 7.5V, RS = 50Ω, Rf = 5kΩ
Input offset current
I
IO
200
nA
V
CM = 7.5V , IIO = | II
– I
I
+
|
Input bias current
I
IB
500
nA
V
CM = 7.5V
Common-mode input
voltage range
V
CM
0
13.0
V
R
S = 1kΩ, Rf = 100kΩ, f = 100Hz
Output voltage
V
OH
13.0
——VI
OH = –1mA
V
OL
——1.3
VI
OL = 1mA
Supply current
I
CC
4
mA
Vin = GND, R
L = ∞


Similar Part No. - HA17902PJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17902PJ RENESAS-HA17902PJ Datasheet
262Kb / 11P
   Quad Operational Amplifier
More results

Similar Description - HA17902PJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com