Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84502-0008 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 84502-0008
Description  XRC Sealed Receptacle with Pin Insert, Shell Size 18, 14 Circuits, Blue Ring
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

84502-0008 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  84502-0008 Datasheet HTML 1Page - Molex Electronics Ltd. 84502-0008 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
84502-0008
Status:
Active
Overview:
XRC™ (Extra Rugged Circular) Sealed Plugs and Receptacles
Description:
XRC™ Sealed Receptacle with Pin Insert, Shell Size 18, 14 Circuits, Blue Ring
Documents:
Drawing (PDF)
Application Specification AS-84501-001 (PDF)
Product Specification PS-84501-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E152602
General
Product Family
Crimp Housings
Series
84502
Application
Power, Wire-to-Wire
Comments
84502-0004 Hex Nut For Panel Mounting Sold
Separately. IP67 rated; conforms to UL 1977. NOT
suitable for automotive applications with requirements
such as USCAR-2, USCAR-25, GMW3191, AK Testing,
J2030, Volvo Technology Requirements, and Toyota
Conn
MolexKits
Yes
More Detailed Tech Information
Extra thin wall wire seals
Overview
XRC™ (Extra Rugged Circular) Sealed Plugs and
Receptacles
Product Name
XRC™
UPC
822350650878
Physical
Circuits (maximum)
14
Flammability
94V-0
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Net Weight
37.430/g
Number of Rows
0
Packaging Type
Tray
Panel Mount
Yes
Pitch - Mating Interface
N/A
Pitch - Termination Interface
N/A
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-55°C to +125°C
Material Info
Reference - Drawing Numbers
Application Specification
AS-84501-001
Product Specification
PS-84501-001
Sales Drawing
SD-84502-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
84502Series
Mates With
84507 Plug
Use With
84524 XRC™ Sealed Terminal Pin
This document was generated on 10/08/2014


Similar Part No. - 84502-0008

ManufacturerPart #DatasheetDescription
logo
MolexKits
84502-0008 MOLEXKITS-84502-0008 Datasheet
39Kb / 3P
   Circular Sealed Plug and Receptacle, IP-67
More results

Similar Description - 84502-0008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0845020008 MOLEX1-0845020008 Datasheet
45Kb / 2P
   XRC Sealed Receptacle with Pin Insert, Shell Size 18, 14 Circuits, Blue Ring
0845010001 MOLEX1-0845010001 Datasheet
42Kb / 1P
   XRC Sealed Plug with Pin Insert, Shell Size 18, 14 Circuits, Blue Ring
84501-0001 MOLEX11-84501-0001 Datasheet
49Kb / 1P
   XRC Sealed Plug with Pin Insert, Shell Size 18, 14 Circuits, Blue Ring
84508-0001 MOLEX11-84508-0001 Datasheet
51Kb / 2P
   XRC Sealed Receptacle with Socket Insert, Shell Size 18, 14 Circuits, Blue Ring
0845080001 MOLEX1-0845080001 Datasheet
45Kb / 2P
   XRC Sealed Receptacle with Socket Insert, Shell Size 18, 14 Circuits, Blue Ring
0845070012 MOLEX1-0845070012 Datasheet
42Kb / 1P
   XRC Sealed Plug with Socket Insert, Shell Size 18, 14 Circuits, Blue Ring
84507-0012 MOLEX11-84507-0012 Datasheet
49Kb / 1P
   XRC Sealed Plug with Socket Insert, Shell Size 18, 14 Circuits, Blue Ring
0845110005 MOLEX1-0845110005 Datasheet
44Kb / 1P
   XRC Sealed Receptacle with Pin Insert, Shell Size 24, 31 Circuits, with Collar
84511-0005 MOLEX11-84511-0005 Datasheet
51Kb / 1P
   XRC Sealed Receptacle with Pin Insert, Shell Size 24, 31 Circuits, with Collar
0845110004 MOLEX1-0845110004 Datasheet
42Kb / 1P
   XRC Sealed Receptacle with Pin Insert, Shell Size 24, 31 Circuits, without Collar
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com