Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS343416GD-XXXXZ3K1X Datasheet(PDF) 1 Page - OptoSupply International

Part # OS343416GD-XXXXZ3K1X
Description  Low Power Consumption, High Intensity
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OS343416GD-XXXXZ3K1X Datasheet(HTML) 1 Page - OptoSupply International

  OS343416GD-XXXXZ3K1X Datasheet HTML 1Page - OptoSupply International OS343416GD-XXXXZ3K1X Datasheet HTML 2Page - OptoSupply International OS343416GD-XXXXZ3K1X Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
PRODUCT SPECIFICATION FOR LED Light Module
Descriptions:
1
Low Power Consumption, High Intensity
Long life, Easy Installation
Voltages Available 12VDC
LED Quantity : 16pcs Super Flux
LED Model Number: OSXXXXZ3K1X
Features:
1
Available in Red , Orange , Yellow , Green , Blue , White
Directly use on line voltage
Low Power Consumption , High intensity
Energy saving
Excellent beam control
Long life
Application:
1
Channel letter signs
Indirect accent décor light
Large area back lighting
Under counter light
Automobile Light
Substitute neon light
Product Picture:
1
Model No.
OS343416GD-
XXXXZ3K1X
REV.
C1


Similar Part No. - OS343416GD-XXXXZ3K1X

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS343416GD-B56LZ3K1D OPTOSUPPLY-OS343416GD-B56LZ3K1D Datasheet
49Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OS343416GD-G58AZ3K1D OPTOSUPPLY-OS343416GD-G58AZ3K1D Datasheet
49Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OS343416GD-K57LZ3K1D OPTOSUPPLY-OS343416GD-K57LZ3K1D Datasheet
49Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OS343416GD-M54LZ3K1P OPTOSUPPLY-OS343416GD-M54LZ3K1P Datasheet
49Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OS343416GD-O5GAZ3K1D OPTOSUPPLY-OS343416GD-O5GAZ3K1D Datasheet
49Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
More results

Similar Description - OS343416GD-XXXXZ3K1X

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSF003706GD-XXXXS1C1A OPTOSUPPLY-OSF003706GD-XXXXS1C1A Datasheet
39Kb / 3P
   Low power consumption, high intensity
OS402612GD-XXXXZ3K1X OPTOSUPPLY-OS402612GD-XXXXZ3K1X Datasheet
51Kb / 3P
   Low Power Consumption, High Intensity
OSMW02C04GX-W543Z4E1P-X OPTOSUPPLY-OSMW02C04GX-W543Z4E1P-X Datasheet
49Kb / 3P
   Low Power Consumption, High Intensity
OSMY61K37GH-XXXA5111A-A OPTOSUPPLY-OSMY61K37GH-XXXA5111A-A Datasheet
119Kb / 4P
   Low Power Consumption, High Intensity
OS423430GD-XXXXS1C1A OPTOSUPPLY-OS423430GD-XXXXS1C1A Datasheet
50Kb / 3P
   Low Power Consumption, High Intensity
OSMW38E20GJ-XXXXS1C1A-X OPTOSUPPLY-OSMW38E20GJ-XXXXS1C1A-X Datasheet
86Kb / 3P
   Low Power Consumption, High Intensity
OSMW02C04GX-XXX3Z161P-X OPTOSUPPLY-OSMW02C04GX-XXX3Z161P-X Datasheet
242Kb / 3P
   Low Power Consumption, High Intensity
OSMW12C60KP-TCMBS4C1A OPTOSUPPLY-OSMW12C60KP-TCMBS4C1A Datasheet
96Kb / 3P
   Low power consumption, high intensity
OSF003702GD-XXXXS4C1A OPTOSUPPLY-OSF003702GD-XXXXS4C1A Datasheet
44Kb / 3P
   Low power consumption, high intensity
OS402618GD-XXXXLS1C1A OPTOSUPPLY-OS402618GD-XXXXLS1C1A Datasheet
48Kb / 3P
   Low Power Consumption, High Intensity
OSMW60E32GM-XXXXS1C1A-A OPTOSUPPLY-OSMW60E32GM-XXXXS1C1A-A Datasheet
88Kb / 3P
   Low Power Consumption, High Intensity
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com