Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA17901FP Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HA17901FP
Description  Quadruple Comparators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17901FP Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HA17901FP Datasheet HTML 7Page - Hitachi Semiconductor HA17901FP Datasheet HTML 8Page - Hitachi Semiconductor HA17901FP Datasheet HTML 9Page - Hitachi Semiconductor HA17901FP Datasheet HTML 10Page - Hitachi Semiconductor HA17901FP Datasheet HTML 11Page - Hitachi Semiconductor HA17901FP Datasheet HTML 12Page - Hitachi Semiconductor HA17901FP Datasheet HTML 13Page - Hitachi Semiconductor HA17901FP Datasheet HTML 14Page - Hitachi Semiconductor HA17901FP Datasheet HTML 15Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
HA17901, HA17339 Series
11
2. Pulse Generator
The charge and discharge circuits in the circuit from figure 1 are separated by diodes in this circuit. (See
figure 3.) This allows the pulse width and the duty cycle to be set independently. Figure 4 shows the
waveforms generated by this circuit.
+
HA17901
VCC
VCC
Vout
R1 1M
D1 IS2076
R2 100k
VCC
1M
1M
1M
C
80pF
D2 IS2076
Figure 3 Pulse Generator
Horizontal: 5 V/div, Vertical: 20
µs/div, V
CC = 15 V
Horizontal: 2 V/div, Vertical: 20
µs/div, V
CC = 5 V
Figure 4 Operating Waveforms
3. Voltage Controlled Oscillator
In the circuit in figure 5, comparator A
1 operates as an integrator, A2 operates as a comparator with
hysteresis, and A
3 operates as the switch that controls the oscillator frequency. If the output Vout1 is at
the low level, the A
3 output will go to the low level and the A1 inverting input will become a lower
level than the A1 noninverting input. The A1 output will integrate this state and its output will increase
towards the high level. When the output of the integrator A
1 exceeds the level on the comparator A2
inverting input, A
2 inverts to the high level and both the output Vout1 and the A3 output go to the high
level. This causes the integrator to integrate a negative state, resulting in its output decreasing towards
the low level. Then, when the A
1 output level becomes lower than the level on the A2 noninverting
input, the output Vout1 is once again inverted to the low level. This operation generates a square wave
on Vout1 and a triangular wave on Vout2.


Similar Part No. - HA17901FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17901FPJ RENESAS-HA17901FPJ Datasheet
282Kb / 13P
   Quadruple Comparators
HA17901FPK RENESAS-HA17901FPK Datasheet
282Kb / 13P
   Quadruple Comparators
More results

Similar Description - HA17901FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17339A RENESAS-HA17339A Datasheet
159Kb / 15P
   Quadruple Comparators
HA17901 RENESAS-HA17901 Datasheet
282Kb / 13P
   Quadruple Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
logo
Renesas Technology Corp
HA17339ATELL-E RENESAS-HA17339ATELL-E Datasheet
188Kb / 17P
   Quadruple Comparators
HA17901A RENESAS-HA17901A Datasheet
165Kb / 16P
   Quadruple Comparators
HA17339A RENESAS-HA17339A_15 Datasheet
188Kb / 17P
   Quadruple Comparators
HA17901A RENESAS-HA17901A_15 Datasheet
194Kb / 18P
   Quadruple Comparators
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
   Quadruple Differential Comparators
logo
Texas Instruments
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com