Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSF003706GD-XXXXS1C1A Datasheet(PDF) 3 Page - OptoSupply International

Part # OSF003706GD-XXXXS1C1A
Description  Low power consumption, high intensity
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSF003706GD-XXXXS1C1A Datasheet(HTML) 3 Page - OptoSupply International

  OSF003706GD-XXXXS1C1A Datasheet HTML 1Page - OptoSupply International OSF003706GD-XXXXS1C1A Datasheet HTML 2Page - OptoSupply International OSF003706GD-XXXXS1C1A Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Product Dimensions:
1
DC 12V
Model No.
OSF003706GD-
XXXXS1C1A
REV.
C1
Unit: mm
Tolerance: ±0.30mm


Similar Part No. - OSF003706GD-XXXXS1C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSF003706GD-B5SAS1C1A OPTOSUPPLY-OSF003706GD-B5SAS1C1A Datasheet
39Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OSF003706GD-G5DAS1C1A OPTOSUPPLY-OSF003706GD-G5DAS1C1A Datasheet
39Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OSF003706GD-K5DLS1C1A OPTOSUPPLY-OSF003706GD-K5DLS1C1A Datasheet
39Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OSF003706GD-M54LS1C1A OPTOSUPPLY-OSF003706GD-M54LS1C1A Datasheet
39Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
OSF003706GD-O5GAS1C1A OPTOSUPPLY-OSF003706GD-O5GAS1C1A Datasheet
39Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
More results

Similar Description - OSF003706GD-XXXXS1C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS402612GD-XXXXZ3K1X OPTOSUPPLY-OS402612GD-XXXXZ3K1X Datasheet
51Kb / 3P
   Low Power Consumption, High Intensity
OSMW02C04GX-W543Z4E1P-X OPTOSUPPLY-OSMW02C04GX-W543Z4E1P-X Datasheet
49Kb / 3P
   Low Power Consumption, High Intensity
OSMY61K37GH-XXXA5111A-A OPTOSUPPLY-OSMY61K37GH-XXXA5111A-A Datasheet
119Kb / 4P
   Low Power Consumption, High Intensity
OS423430GD-XXXXS1C1A OPTOSUPPLY-OS423430GD-XXXXS1C1A Datasheet
50Kb / 3P
   Low Power Consumption, High Intensity
OSMW38E20GJ-XXXXS1C1A-X OPTOSUPPLY-OSMW38E20GJ-XXXXS1C1A-X Datasheet
86Kb / 3P
   Low Power Consumption, High Intensity
OSMW02C04GX-XXX3Z161P-X OPTOSUPPLY-OSMW02C04GX-XXX3Z161P-X Datasheet
242Kb / 3P
   Low Power Consumption, High Intensity
OSMW12C60KP-TCMBS4C1A OPTOSUPPLY-OSMW12C60KP-TCMBS4C1A Datasheet
96Kb / 3P
   Low power consumption, high intensity
OSF003702GD-XXXXS4C1A OPTOSUPPLY-OSF003702GD-XXXXS4C1A Datasheet
44Kb / 3P
   Low power consumption, high intensity
OS402618GD-XXXXLS1C1A OPTOSUPPLY-OS402618GD-XXXXLS1C1A Datasheet
48Kb / 3P
   Low Power Consumption, High Intensity
OSMW60E32GM-XXXXS1C1A-A OPTOSUPPLY-OSMW60E32GM-XXXXS1C1A-A Datasheet
88Kb / 3P
   Low Power Consumption, High Intensity
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com