Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT1016R Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HAT1016R
Description  Silicon P Channel Power MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAT1016R Datasheet(HTML) 7 Page - Hitachi Semiconductor

  HAT1016R Datasheet HTML 1Page - Hitachi Semiconductor HAT1016R Datasheet HTML 2Page - Hitachi Semiconductor HAT1016R Datasheet HTML 3Page - Hitachi Semiconductor HAT1016R Datasheet HTML 4Page - Hitachi Semiconductor HAT1016R Datasheet HTML 5Page - Hitachi Semiconductor HAT1016R Datasheet HTML 6Page - Hitachi Semiconductor HAT1016R Datasheet HTML 7Page - Hitachi Semiconductor HAT1016R Datasheet HTML 8Page - Hitachi Semiconductor HAT1016R Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HAT1016R
7
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width (1 Drive Operation)
10 µ
100 µ
1 m
10 m
100 m
1
10
100
1000
10000
10
1
0.1
0.01
0.001
0.0001
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
DM
P
PW
T
D =
PW
T
ch – f(t) = s (t) •
ch – f
ch – f = 125 °C/W, Ta = 25 °C
θ
γ
θ
θ
When using the glass epoxy board
(FR4 40x40x1.6 mm)
10 µ
100 µ
1 m
10 m
100 m
1
10
100
1000
10000
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width (2 Drive Operation)
10 µ
100 µ
1 m
10 m
100 m
1
10
100
1000
0
10
1
0.1
0.01
0.001
0.0001
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
DM
P
PW
T
D =
PW
T
ch – f(t) = s (t) •
ch – f
ch – f = 166 °C/W, Ta = 25 °C
θ
γ
θ
θ
When using the glass epoxy board
(FR4 40x40x1.6 mm)


Similar Part No. - HAT1016R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1016R RENESAS-HAT1016R Datasheet
97Kb / 8P
   Silicon P Channel Power MOSFET High Speed Power Switching
logo
SHENZHEN DOINGTER SEMIC...
HAT1016R DOINGTER-HAT1016R Datasheet
1Mb / 5P
   Dual P-Channel MOSFET uses advanced trench technology
logo
Renesas Technology Corp
HAT1016R-EL-E RENESAS-HAT1016R-EL-E Datasheet
97Kb / 8P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1016R RENESAS-HAT1016R_15 Datasheet
115Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT1016R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1055R RENESAS-HAT1055R_15 Datasheet
136Kb / 12P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT1029R HITACHI-HAT1029R Datasheet
53Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT1065R RENESAS-HAT1065R Datasheet
61Kb / 4P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1020R RENESAS-HAT1020R_15 Datasheet
109Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT1025R HITACHI-HAT1025R Datasheet
56Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1033T HITACHI-HAT1033T Datasheet
53Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1038R HITACHI-HAT1038R Datasheet
60Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT1047R RENESAS-HAT1047R Datasheet
116Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1054R RENESAS-HAT1054R Datasheet
96Kb / 8P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1024R RENESAS-HAT1024R_15 Datasheet
115Kb / 10P
    Silicon P Channel Power MOS FET High Speed Power Switching
HAT1038R RENESAS-HAT1038R_15 Datasheet
248Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com