Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA178M20P Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HA178M20P
Description  3-terminal Fixed Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA178M20P Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HA178M20P Datasheet HTML 7Page - Hitachi Semiconductor HA178M20P Datasheet HTML 8Page - Hitachi Semiconductor HA178M20P Datasheet HTML 9Page - Hitachi Semiconductor HA178M20P Datasheet HTML 10Page - Hitachi Semiconductor HA178M20P Datasheet HTML 11Page - Hitachi Semiconductor HA178M20P Datasheet HTML 12Page - Hitachi Semiconductor HA178M20P Datasheet HTML 13Page - Hitachi Semiconductor HA178M20P Datasheet HTML 14Page - Hitachi Semiconductor HA178M20P Datasheet HTML 15Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
HA178M00 Series
11
HA178M18P/PJ, HA178M18 Electrical Characteristics (V
IN = 27 V, IOUT = 350 mA,
0°C Tj 125°C, C
IN = 0.33 µF, COUT = 0.1 µF, unless otherwise specified)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Output voltage
V
OUT
17.3
18.0
18.7
V
Tj = 25
°C
17.1
18.9
21 V
≤ V
IN ≤ 33 V,
5 mA
≤ I
OUT ≤ 350 mA, PT ≤ 7.5 W
Line regulation
dV
O Line
15
360
mV
Tj = 25
°C
21 V
≤ V
IN ≤ 33 V,
I
OUT = 200 mA
5.0
180
24 V
≤ V
IN ≤ 33 V,
I
OUT = 200 mA
Load regulation
δV
O Load
25
360
mV
Tj = 25
°C
5 mA
≤ I
OUT ≤ 500 mA
10
180
5 mA
≤ I
OUT ≤ 200 mA
Quiescent current
I
Q
4.8
6.0
mA
Tj = 25
°C, I
OUT = 0
Quiescent current
change
δI
Q
0.8
mA
21 V
≤ V
IN ≤ 35 V,
I
OUT = 200 mA
0.5
5 mA
≤ I
OUT ≤ 350 mA
Output noise voltage
Vn
110
µV
Ta = 25
°C, 10 Hz ≤ f ≤ 100 kHz
Ripple rejection ratio
R
REJ
70
dB
f = 120 Hz
I
OUT = 100 mA
70
Tj = 25
°CI
OUT = 300 mA
Dropout voltage
Vdrop
2.0
V
I
OUT = 350 mA, Tj = 25°C
Output short-circuit
current
I
OS
240
mA
Tj = 25
°C, V
IN = 35 V
Peak output current
Io peak
700
mA
Tj = 25
°C
Temperature
coefficient of output
voltage
δV
OUT/ δTj
–1.0
mV/
°CI
OUT = 5 mA, 0°C ≤ Tj ≤ 125°C


Similar Part No. - HA178M20P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17800V HITACHI-HA17800V Datasheet
62Kb / 16P
   3-terminal Fixed Voltage Regulators
HA17805V HITACHI-HA17805V Datasheet
62Kb / 16P
   3-terminal Fixed Voltage Regulators
HA17805VP HITACHI-HA17805VP Datasheet
62Kb / 16P
   3-terminal Fixed Voltage Regulators
HA17805VPJ HITACHI-HA17805VPJ Datasheet
62Kb / 16P
   3-terminal Fixed Voltage Regulators
HA17806V HITACHI-HA17806V Datasheet
62Kb / 16P
   3-terminal Fixed Voltage Regulators
More results

Similar Description - HA178M20P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA178L15 HITACHI-HA178L15 Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
HA17800V HITACHI-HA17800V Datasheet
62Kb / 16P
   3-terminal Fixed Voltage Regulators
HA178L12 HITACHI-HA178L12 Datasheet
82Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L00 HITACHI-HA178L00 Datasheet
72Kb / 21P
   3-terminal Fixed Voltage Regulators
logo
Renesas Technology Corp
HA178L02 RENESAS-HA178L02 Datasheet
233Kb / 9P
   3-terminal Fixed Voltage Regulators
HA178L00 RENESAS-HA178L00 Datasheet
230Kb / 16P
   3-terminal Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
   3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
List of Unclassifed Man...
PJ7800 ETC-PJ7800 Datasheet
381Kb / 9P
   3-Terminal Fixed Voltage Positive Regulators
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com