Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSL10302-IX Datasheet(PDF) 2 Page - OptoSupply International

Part # OSL10302-IX
Description  0..3 Inch Siinglle Diigiit Diispllay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSL10302-IX Datasheet(HTML) 2 Page - OptoSupply International

  OSL10302-IX Datasheet HTML 1Page - OptoSupply International OSL10302-IX Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0..3
3 IIn
nc
ch
h S
Siin
ng
glle
e D
Diig
giitt D
Diissp
plla
ay
y
OSL10302-IX (Common Anode type)
OSL10302-LX (Common Cathode type)
■ Package dimensions and pin function
OSL10302-IX
(Common Anode type)
Note:
1,Unit : mm( Tolerance:
±0.25mm unless
otherwise noted)
2, The slope angle of any PIN
may be
±5.0°Max
OSL10302-LX
(Common Cathode type)
Note:
1,Unit : mm( Tolerance:
±0.25mm unless
otherwise noted)
2, The slope angle of any PIN
may be
±5.0°Max
LED & Application Technologies
A
B
C
D
E
F
G
RDP
5.30
10°
19
.0
7.
80
(.
3"
)
10.06
7.37
10.16
5.
4
PIN 1
0.9
1,6
1,6
A
B
C
D
E
F
G
RDP
5.30
10°
19
.0
7.
80
(.
3"
)
10.06
7.37
10.16
5.
4
PIN 1
0.9


Similar Part No. - OSL10302-IX

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSL10561-IB OPTOSUPPLY-OSL10561-IB Datasheet
199Kb / 2P
   0.56 Inch Single Digit Display
OSL10561-IG OPTOSUPPLY-OSL10561-IG Datasheet
199Kb / 2P
   0.56 Inch Single Digit Display
OSL10561-IR OPTOSUPPLY-OSL10561-IR Datasheet
199Kb / 2P
   0.56 Inch Single Digit Display
OSL10561-IRA OPTOSUPPLY-OSL10561-IRA Datasheet
199Kb / 2P
   0.56 Inch Single Digit Display
OSL10561-IW OPTOSUPPLY-OSL10561-IW Datasheet
199Kb / 2P
   0.56 Inch Single Digit Display
More results

Similar Description - OSL10302-IX

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSL20301-IX OPTOSUPPLY-OSL20301-IX Datasheet
173Kb / 2P
   0..3 Inch Two Diigiit Diispllay
logo
List of Unclassifed Man...
PMODCLS ETC1-PMODCLS Datasheet
122Kb / 4P
   Seriiall LCD Diispllay Modulle Refference Manuall
RP530060-3-0 ETC1-RP530060-3-0 Datasheet
95Kb / 3P
   RP530060-3-0
logo
Hubbell Incorporated.
VAUL3012 HUBBELL-VAUL3012 Datasheet
377Kb / 2P
   Aluminum Compression Terminal for 3/0 AL/CU, 3/0 6/1 ACSR, 4/0 COMPACT
logo
Ralston Instruments.
GAUD-85INH20 RALSTON-GAUD-85INH20 Datasheet
345Kb / 1P
   0-85 Inch H20 Digital Pressure Gauge
GAUG-0200I RALSTON-GAUG-0200I Datasheet
346Kb / 1P
   0-200 Inch H20 Analog Pressure Gauge
GAUD-140INH20 RALSTON-GAUD-140INH20 Datasheet
345Kb / 1P
   0-140 Inch H20 Digital Pressure Gauge
GAUG-0100I RALSTON-GAUG-0100I Datasheet
346Kb / 1P
   0-100 Inch H20 Analog Pressure Gauge
logo
M/A-COM Technology Solu...
MAPD-011003 MA-COM-MAPD-011003 Datasheet
960Kb / 4P
   3 Way 0? Power Divider
logo
DIYI Electronic Technol...
FR301U DYELEC-FR301U Datasheet
499Kb / 2P
   3 .0 AMP.Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com