Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IH2403S Datasheet(PDF) 1 Page - XP Power Limited

Part # IH2403S
Description  Dual Output
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IH2403S Datasheet(HTML) 1 Page - XP Power Limited

  IH2403S Datasheet HTML 1Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01-Sep-11
Specification
2 Watts
Dual Output
SIP or DIP Package
1000 VDC Isolation
Optional 30006000 VDC Isolation
MTBF >1.1 MHrs
40 °C to +85 °C Operation
3 Year Warranty
IH Series
Input
Input Voltage Range
• Nominal ±10%
Input Reflected
• 20 mA pk-pk through 12 µH inductor,
Ripple Current
5Hz to 20 MHz
Input Reverse Voltage
• None
Protection
Input Filter
• Capacitor
Output
Output Voltage
See table
Minimum Load
• None(3)
Line Regulation
• 1.2%/1%
∆ Vin
Load Regulation
• ±10% 20-100% load change
(3.3 V models ±20%)
Setpoint Accuracy
• ±3%
Ripple & Noise
• 75 mV pk-pk max, 20 MHz bandwidth
Temperature Coefficient
• 0.02%/°C
Maximum Capacitive
• ±220 µF
Load
Cross Regulation
• 3.3 V and 5 V: ±8%, all others: ±5%(4)
General
Efficiency
• See table
Isolation Voltage
• 1000 VDC(2)
Isolation Resistance
• 109
Isolation Capacitance
• 60 pF typical
MTBF
• >1.1 MHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +85 °C
Storage Temperature
• -40 °C to +125 °C
Case Temperature
• 100 °C max
Cooling
• Convection-cooled
xppower.com
Input
Voltage
No Load
Input Current
Output
Voltage
Output
Current
Efficiency
Model
Number(1,2)
5 VDC
30 mA
±3.3 V
±200 mA
65%
IH0503S
30 mA
±5.0 V
±200 mA
72%
IH0505S
30 mA
±9.0 V
±111 mA
77%
IH0509S
30 mA
±12.0 V
±84 mA
78%
IH0512S
30 mA
±15.0 V
±66 mA
80%
IH0515S
30 mA
±24.0 V
±42 mA
80%
IH0524S
12 VDC
20 mA
±3.3 V
±200 mA
67%
IH1203S
20 mA
±5.0 V
±200 mA
75%
IH1205S
20 mA
±9.0 V
±111 mA
77%
IH1209S
20 mA
±12.0 V
±84 mA
82%
IH1212S
20 mA
±15.0 V
±66 mA
82%
IH1215S
20 mA
±24.0 V
±42 mA
82%
IH1224S
24 VDC
10 mA
±3.3 V
±200 mA
68%
IH2403S
10 mA
±5.0 V
±200 mA
75%
IH2405S
10 mA
±9.0 V
±111 mA
80%
IH2409S
10 mA
±12.0 V
±84 mA
82%
IH2412S
10 mA
±15.0 V
±66 mA
82%
IH2415S
10 mA
±24.0 V
±42 mA
82%
IH2424S
48 VDC
6 mA
±3.3 V
±200 mA
60%
IH4803S
6 mA
±5.0 V
±200 mA
73%
IH4805S
6 mA
±9.0 V
±111 mA
77%
IH4809S
6 mA
±12.0 V
±84 mA
80%
IH4812S
6 mA
±15.0 V
±66 mA
80%
IH4815S
6 mA
±24.0 V
±42 mA
80%
IH4824S
Mechanical Details
+Vin
+Vin
-Vout
-Vout
0V
0V
+Vout
+Vout
-Vin
-Vin
NC
0.76 (19.5)
0.50
(12.7)
0.09
(2.29)
0.28 (7.2)
max
0.01
(0.25) max
SIP Package
DIP Package
1000 V Versions
0.80 (20.32)
max
0.40
(10.16)
0.60 (15.24)
0.30
(7.62)
0.20
(5.08)
0.10
(2.54)
0.30
(7.62)
0.01 (0.25)
+Vin
-Vout 0V +Vout
-Vin
0.60
(15.24)
+Vin
-Vout 0V +Vout
-Vin
NC
0.76 (19.5)
max
0.30 (7.62)
max
0.09
(2.29)
0.01
(0.25) max
0.40
(10.16)
0.01 (0.25)
0.60 (15.24)
0.10 (2.54)
0.30
(7.62)
0.80 (20.32)
3000 V Versions
>
0.40
(10.16) max
0.12
(3.05) min
0.10
(2.54)
0.02
(0.50)
0.015
(0.38)
0.27 (6.88)
0.12 (3.05)
max
1. For DIP package, replace ‘S’ with ‘D’ in model number.
2. Add suffix ‘H’ to model number for 3000 VDC isolation. For higher VDC
isolation, add suffix ‘Hx’ to model number where x=4 for 4000 VDC isolation,
x=5 for 5200 VDC isolation and x=6 for 6000 VDC isolation.
3. Operation at no load will not damage unit but it may not meet all specifications.
4. When one output is set to 100% load and the other varies between 25%-100% load.
5. All dimensions in inches (mm).
6. Pin pitch tolerance: ±0.014 (±0.35)
7. Case tolerance: ±0.02 (±0.5)
8. Weight: SIP 0.004 lbs (2.2 g), DIP 0.005 lbs (2.4 g)
Notes


Similar Part No. - IH2403S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IH2403S ETC2-IH2403S Datasheet
117Kb / 1P
   2 Watts IH Series
logo
XP Power Limited
IH2403S XPPOWER-IH2403S Datasheet
50Kb / 1P
   DC-DC Power Supplies
IH2403S XPPOWER-IH2403S Datasheet
95Kb / 1P
   Optional 3000-6000 VDC isolation
IH2403S XPPOWER-IH2403S Datasheet
95Kb / 1P
   Dual Output
More results

Similar Description - IH2403S

ManufacturerPart #DatasheetDescription
logo
Power-One
DSP1N5D5 POWER-ONE-DSP1N5D5 Datasheet
236Kb / 2P
   DUAL OUTPUT
logo
XP Power Limited
IA2405D XPPOWER-IA2405D Datasheet
98Kb / 1P
   Dual Output
logo
NIHON DEMPA KOGYO
NZ2016SK NDK-NZ2016SK_18 Datasheet
870Kb / 1P
   Dual output
logo
Power-One
DFA20E12D POWER-ONE-DFA20E12D Datasheet
1Mb / 4P
   DUAL OUTPUT
DFC15U48D12 POWER-ONE-DFC15U48D12 Datasheet
860Kb / 3P
   DUAL OUTPUT
logo
Artesyn Technologies
AFC5-F ARTESYN-AFC5-F Datasheet
52Kb / 2P
   Dual output
logo
XP Power Limited
SF_IA XPPOWER-SF_IA Datasheet
225Kb / 1P
   Dual Output
logo
Power-One
DGP12U5D5 POWER-ONE-DGP12U5D5 Datasheet
798Kb / 3P
   DUAL OUTPUT
logo
XP Power Limited
IH2415D XPPOWER-IH2415D Datasheet
95Kb / 1P
   Dual Output
logo
Power-One
DFC10U POWER-ONE-DFC10U Datasheet
879Kb / 3P
   DUAL OUTPUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com