Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTA4151P Datasheet(PDF) 5 Page - Zhaoxingwei Electronics ., Ltd

Part # NTA4151P
Description  Small Signal MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZHAOXINGWEI [Zhaoxingwei Electronics ., Ltd]
Direct Link  http://www.alldatasheet.com
Logo ZHAOXINGWEI - Zhaoxingwei Electronics ., Ltd

NTA4151P Datasheet(HTML) 5 Page - Zhaoxingwei Electronics ., Ltd

  NTA4151P Datasheet HTML 1Page - Zhaoxingwei Electronics ., Ltd NTA4151P Datasheet HTML 2Page - Zhaoxingwei Electronics ., Ltd NTA4151P Datasheet HTML 3Page - Zhaoxingwei Electronics ., Ltd NTA4151P Datasheet HTML 4Page - Zhaoxingwei Electronics ., Ltd NTA4151P Datasheet HTML 5Page - Zhaoxingwei Electronics ., Ltd NTA4151P Datasheet HTML 6Page - Zhaoxingwei Electronics ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
M
0.20 (0.008)
D
−E−
−D−
b
e
3 PL
0.20 (0.008) E
C
L
A
A1
3
2
1
STYLE 5:
PIN 1. GATE
2. SOURCE
3. DRAIN
HE
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.70
0.80
0.90
A1
0.00
0.05
0.10
b
C
0.10
0.15
0.25
D
1.55
1.60
1.65
E
e
1.00 BSC
0.027
0.031
0.035
0.000
0.002
0.004
0.004
0.006
0.010
0.059
0.063
0.067
0.04 BSC
MIN
NOM
MAX
INCHES
0.15
0.20
0.30
0.006
0.008
0.012
HE
L
0.10
0.15
0.20
1.50
1.60
1.70
0.004
0.006
0.008
0.061
0.063
0.065
0.70
0.80
0.90
0.027
0.031
0.035
0.787
0.031
0.508
0.020
1.000
0.039
mm
inches
SCALE 10:1
0.356
0.014
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
1.803
0.071
SMD Type
Transistors


Similar Part No. - NTA4151P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTA4151P ONSEMI-NTA4151P Datasheet
72Kb / 6P
   Small Signal MOSFET ??0 V, ??60 mA, Single P?묬hannel, Gate Zener, SC??5, SC??9
September, 2006 ??Rev. 5
logo
Guangdong Kexin Industr...
NTA4151P KEXIN-NTA4151P Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
ON Semiconductor
NTA4151P ONSEMI-NTA4151P Datasheet
76Kb / 6P
   Small Signal MOSFET
October, 2014 ??Rev. 8
NTA4151PT1 ONSEMI-NTA4151PT1 Datasheet
72Kb / 6P
   Small Signal MOSFET ??0 V, ??60 mA, Single P?묬hannel, Gate Zener, SC??5, SC??9
September, 2006 ??Rev. 5
NTA4151PT1G ONSEMI-NTA4151PT1G Datasheet
72Kb / 6P
   Small Signal MOSFET ??0 V, ??60 mA, Single P?묬hannel, Gate Zener, SC??5, SC??9
September, 2006 ??Rev. 5
More results

Similar Description - NTA4151P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
   Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
List of Unclassifed Man...
CMT2N7000 ETC1-CMT2N7000 Datasheet
118Kb / 5P
   Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
   Small Signal MOSFET
LNTA7002NT1G LRC-LNTA7002NT1G_15 Datasheet
410Kb / 5P
   Small Signal MOSFET
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N_16 Datasheet
133Kb / 5P
   Small Signal MOSFET
October, 2016 ??Rev. 1
NTNS41006PZ ONSEMI-NTNS41006PZ Datasheet
80Kb / 6P
   Small Signal MOSFET
May, 2017 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
2N7000 SEMTECH_ELEC-2N7000 Datasheet
148Kb / 2P
   Small Signal MOSFET
logo
ON Semiconductor
NTNS3C94NZ ONSEMI-NTNS3C94NZ_16 Datasheet
71Kb / 6P
   Small Signal MOSFET
December, 2016 ??Rev. 1
NTJS4405N ONSEMI-NTJS4405N_11 Datasheet
135Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 6
NTJD4158C ONSEMI-NTJD4158C_15 Datasheet
91Kb / 7P
   Small Signal MOSFET
Febuary, 2015 ??Rev. 5
NTJD4001N ONSEMI-NTJD4001N_15 Datasheet
72Kb / 5P
   Small Signal MOSFET
May, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com