Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT1029R Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HAT1029R
Description  Silicon P Channel Power MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAT1029R Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HAT1029R Datasheet HTML 2Page - Hitachi Semiconductor HAT1029R Datasheet HTML 3Page - Hitachi Semiconductor HAT1029R Datasheet HTML 4Page - Hitachi Semiconductor HAT1029R Datasheet HTML 5Page - Hitachi Semiconductor HAT1029R Datasheet HTML 6Page - Hitachi Semiconductor HAT1029R Datasheet HTML 7Page - Hitachi Semiconductor HAT1029R Datasheet HTML 8Page - Hitachi Semiconductor HAT1029R Datasheet HTML 9Page - Hitachi Semiconductor HAT1029R Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HAT1029R
6
Reverse Drain Current
I
(A)
DR
Body–Drain Diode Reverse
Recovery Time
Drain to Source Voltage V
(V)
DS
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nc)
Dynamic Input Characteristics
500
200
100
20
50
10
5
0
2000
1000
500
200
100
50
20
–4
–8
–12
–16
–20
0
–10
–20
–30
–40
0
0
–2
–4
–6
–8
–10
–50
4
8
12
16
20
DS
V
GS
V
V
= –5 V
–10 V
–20 V
DD
DD
V
= –20 V
–10 V
–5 V
D
I
= –3.5 A
–0.2
–0.5
–1
–2
–5
–10
–0.1
di / dt = 20 A /
µs
V
= 0, Ta = 25
°C
GS
Ciss
Coss
Crss
V
= 0
f = 1 MHz
GS
Drain Current
I
(A)
D
Switching Characteristics
500
200
100
20
50
10
5
–0.2
–0.5
–1
–2
–5
–10
–0.1
t f
r
t
d(off)
t
d(on)
t
V
= –4 V, V
= –10 V
PW = 3
µs, duty < 1 %
GS
DD


Similar Part No. - HAT1029R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAT1020 HITACHI-HAT1020 Datasheet
55Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1020R HITACHI-HAT1020R Datasheet
55Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT1020R RENESAS-HAT1020R Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1020R-EL-E RENESAS-HAT1020R-EL-E Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
logo
VBsemi Electronics Co.,...
HAT1020RJ VBSEMI-HAT1020RJ Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - HAT1029R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1055R RENESAS-HAT1055R_15 Datasheet
136Kb / 12P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1065R RENESAS-HAT1065R Datasheet
61Kb / 4P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1020R RENESAS-HAT1020R_15 Datasheet
109Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT1025R HITACHI-HAT1025R Datasheet
56Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1033T HITACHI-HAT1033T Datasheet
53Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1038R HITACHI-HAT1038R Datasheet
60Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT1047R RENESAS-HAT1047R Datasheet
116Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1054R RENESAS-HAT1054R Datasheet
96Kb / 8P
   Silicon P Channel Power MOS FET High Speed Power Switching
HAT1024R RENESAS-HAT1024R_15 Datasheet
115Kb / 10P
    Silicon P Channel Power MOS FET High Speed Power Switching
HAT1038R RENESAS-HAT1038R_15 Datasheet
248Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com