Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1004-E-GM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SI1004-E-GM
Description  Si1000/Si1010 WIRELESS MCU QUICK-START GUIDE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI1004-E-GM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SI1004-E-GM Datasheet HTML 1Page - List of Unclassifed Manufacturers SI1004-E-GM Datasheet HTML 2Page - List of Unclassifed Manufacturers SI1004-E-GM Datasheet HTML 3Page - List of Unclassifed Manufacturers SI1004-E-GM Datasheet HTML 4Page - List of Unclassifed Manufacturers SI1004-E-GM Datasheet HTML 5Page - List of Unclassifed Manufacturers SI1004-E-GM Datasheet HTML 6Page - List of Unclassifed Manufacturers SI1004-E-GM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI1004-E-GM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI1004-E-GM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Si1000/10 QSG
Rev. 0.1
3
4. Connect the USB cable (which will supply power and USB communications).
5. Turn on power: SW5
 ON
6. Download the LoadBoard Light code to each. (See "3. Silicon Laboratories IDE Code Download" on page 16).
File location: C:\SiLabs\MCU\Examples\Si100x\EZRadioPRO\WDS_Support\lb_light.hex (Si100x) or
C:\SiLabs\MCU\Examples\Si101x\EZRadioPRO\WDS_Support\lb_light.hex (Si101x)
(Files installed automatically with the Silicon Labs IDE)
Note that the red LED, DS3, blinks when the LoadBoard Light firmware is running.
7. Launch the WDS Chip Configurator application on your PC (Start
 Silicon Laboratories  WDS3)
8. WDS should automatically detect the Si1000 connected via USB. The following screen will appear:
9. Click Radio Control Panel and Select.
10.Configure the radio to transmit a GFSK-modulated PN9 test message:
a. Select the TX state by clicking the TX button,.
b. Set the frequency (903 MHz shown).
c. Set the crystal load capacitance to 10.039 pF.


Similar Part No. - SI1004-E-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si1004-E-GM SILABS-Si1004-E-GM Datasheet
99Kb / 2P
   Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
Si1004-E-GM2 SILABS-Si1004-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
More results

Similar Description - SI1004-E-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN675 SILABS-AN675 Datasheet
593Kb / 2P
   PRECISION32??MCU DEVELOPMENT KIT QUICK-START GUIDE
CP2105-EK SILABS-CP2105-EK Datasheet
261Kb / 10P
   Quick Start Guide
CP2104-EK SILABS-CP2104-EK Datasheet
218Kb / 8P
   Quick Start Guide
CP2110-EK SILABS-CP2110-EK Datasheet
287Kb / 10P
   Quick Start Guide
logo
Zilog, Inc.
QS0075 ZILOG-QS0075 Datasheet
1Mb / 19P
   Quick Start Guide
QS0086 ZILOG-QS0086 Datasheet
291Kb / 18P
   Quick Start Guide
logo
NXP Semiconductors
MPC830X-TLCD NXP-MPC830X-TLCD Datasheet
934Kb / 4P
   Quick Start Guide
11/3/11
logo
Silicon Laboratories
CP2112-EK SILABS-CP2112-EK Datasheet
434Kb / 14P
   Quick Start Guide
logo
Maxim Integrated Produc...
MAXREFDES143 MAXIM-MAXREFDES143 Datasheet
3Mb / 15P
   Quick Start Guide
UG6296 ; Rev 0; 6/16
logo
Freescale Semiconductor...
DEMO9S08QG8QSG FREESCALE-DEMO9S08QG8QSG Datasheet
56Kb / 2P
   DEMO9S08QG8 Quick Start Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com