Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF1016A Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF1016A
Description  Advanced trench MOSFET process technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF1016A Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF1016A Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF1016A Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF1016A Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF1016A Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF1016A Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF1016A Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF1016A Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF1016A Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
                                
SSF1016A 
©Silikron Semiconductor CO.,LTD.
2011.06.25
Version : 1.0
page 2 of 8
www.silikron.com
 
Thermal Resistance
Symbol
Characterizes
Typ.
Max.
Units
RθJC
Junction-to-case
0.55
/W
RθJA
Junction-to-ambient (t ≤ 10s)
62
/W
Junction-to-Ambient (PCB mounted, steady-state)
40
/W
Electrical Characterizes @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
100
V
VGS = 0V,ID = 250μA
RDS(on)
Static Drain-to-Source on-resistance
13.8
16
mΩ
VGS=10V,ID = 30A
28.8
TJ = 125°C
VGS(th)
Gate threshold voltage
2
4
V
VDS = VGS, ID = 250μA
2.3
TJ = 125°C
IDSS
Drain-to-Source leakage current
1
μA
VDS = 100V,VGS = 0V
50
TJ = 125°C
IGSS
Gate-to-Source forward leakage
 
 
100
nA
VGS =20V
-100 
 
VGS = -20V
Qg
Total gate charge
 
92
nC
ID = 50A,
VDS=35V,
VGS = 10V
Qgs
Gate-to-Source charge
 
21
Qgd
Gate-to-Drain("Miller") charge
 
31
td(on)
Turn-on delay time
 
17
ns
VGS=10V, VDS=30V,
RL=15Ω,
RGEN=2.5Ω
ID=2.0A
tr
Rise time
 
14
td(off)
Turn-Off delay time
 
53
tf
Fall time
 
12
Ciss
Input capacitance
 
4415
pF
VGS =10V
VDS = 25V
ƒ = 1MHz
Coss
Output capacitance
 
60
Crss
Reverse transfer capacitance
 
30
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
75
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode)
300
A
V
SD
Diode Forward Voltage
0.85
1.3
V
IS=30A, VGS=0V
trr
Reverse Recovery Time
47
ns
TJ = 25°C, IF =35A, di/dt =
100A/μs
Qrr
Reverse Recovery Charge
116
nC
 


Similar Part No. - SSF1016A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF1016A GOOD-ARK-SSF1016A Datasheet
1Mb / 7P
   100V N-Channel MOSFET
SSF1016A GOOD-ARK-SSF1016A_15 Datasheet
1Mb / 7P
   100V N-Channel MOSFET
More results

Similar Description - SSF1016A

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF1020D SILIKRON-SSF1020D Datasheet
690Kb / 8P
   Advanced trench MOSFET process technology
SSF6908 SILIKRON-SSF6908 Datasheet
858Kb / 8P
   Advanced trench MOSFET process technology
SSF8509 SILIKRON-SSF8509 Datasheet
356Kb / 8P
   Advanced trench MOSFET process technology
SSF1109 SILIKRON-SSF1109 Datasheet
365Kb / 8P
   Advanced trench MOSFET process technology
SSF1526 SILIKRON-SSF1526 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSF1530 SILIKRON-SSF1530 Datasheet
656Kb / 8P
   Advanced trench MOSFET process technology
SSFT3904U SILIKRON-SSFT3904U Datasheet
724Kb / 8P
   Advanced trench MOSFET process technology
SSF6014J8 SILIKRON-SSF6014J8 Datasheet
810Kb / 8P
   Advanced trench MOSFET process technology
SSF7509A SILIKRON-SSF7509A Datasheet
401Kb / 8P
   Advanced trench MOSFET process technology
SSF1090A SILIKRON-SSF1090A Datasheet
721Kb / 8P
   Advanced trench MOSFET process technology
SSF7N60F SILIKRON-SSF7N60F Datasheet
528Kb / 8P
   Advanced trench MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com