Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT1043M Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HAT1043M
Description  Silicon P Channel Power MOS FET Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAT1043M Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HAT1043M Datasheet HTML 1Page - Hitachi Semiconductor HAT1043M Datasheet HTML 2Page - Hitachi Semiconductor HAT1043M Datasheet HTML 3Page - Hitachi Semiconductor HAT1043M Datasheet HTML 4Page - Hitachi Semiconductor HAT1043M Datasheet HTML 5Page - Hitachi Semiconductor HAT1043M Datasheet HTML 6Page - Hitachi Semiconductor HAT1043M Datasheet HTML 7Page - Hitachi Semiconductor HAT1043M Datasheet HTML 8Page - Hitachi Semiconductor HAT1043M Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HAT1043M
4
0
-4
-8
-12
-16
-20
250
200
150
100
50
–50
0
50
100
150
200
0
Gate to Source Voltage
V
(V)
GS
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
I
(A)
D
Static Drain to Source on State Resistance
vs. Drain Current
Case Temperature
Tc
(
°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
V
= -4.5 V
GS
-2.5 V
Pulse Test
-0.5
-0.4
-0.3
-0.2
-0.1
Pulse Test
I
= -5 A
D
-2 A
-1 A
-0.1
-2
-10
-0.2
1000
20
50
10
-1
-20
200
100
V
= -2.5 V
GS
-4.5 V
Pulse Test
-1, -2 A
I
= -5 A
D
-5 A
-0.1
-0.3
-1
-3
-10
-30 -50
50
10
20
2
5
0.2
0.5
0.1
Tc = –25
°C
75
°C
25
°C
V
= -10 V
Pulse Test
DS
500
-5
-0.5
1
-1, -2 A


Similar Part No. - HAT1043M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1043M RENESAS-HAT1043M Datasheet
96Kb / 7P
   Silicon P Channel Power MOS FET Power Switching
HAT1043M-EL-E RENESAS-HAT1043M-EL-E Datasheet
96Kb / 7P
   Silicon P Channel Power MOS FET Power Switching
More results

Similar Description - HAT1043M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1048R RENESAS-HAT1048R Datasheet
37Kb / 5P
   Silicon P Channel Power MOS FET Power Switching
HAT1072H RENESAS-HAT1072H_05 Datasheet
177Kb / 7P
   Silicon P Channel Power MOS FET Power Switching
HAT1069C RENESAS-HAT1069C_15 Datasheet
84Kb / 6P
   Silicon P Channel Power MOS FET Power Switching
HAT1127H RENESAS-HAT1127H_15 Datasheet
106Kb / 9P
   Silicon P Channel Power MOS FET Power Switching
logo
Hitachi Semiconductor
HAT1044M HITACHI-HAT1044M Datasheet
27Kb / 4P
   Silicon P Channel Power MOS FET Power Switching
HAT1036R HITACHI-HAT1036R Datasheet
50Kb / 9P
   Silicon P Channel Power MOS FET Power Switching
logo
Renesas Technology Corp
HAT1036R RENESAS-HAT1036R Datasheet
88Kb / 7P
   Silicon P Channel Power MOS FET Power Switching
HAT1110R RENESAS-HAT1110R Datasheet
212Kb / 8P
   Silicon P Channel Power MOS FET Power Switching
HAT1036R RENESAS-HAT1036R_15 Datasheet
108Kb / 9P
   Silicon P Channel Power MOS FET Power Switching
HAT1072H RENESAS-HAT1072H Datasheet
129Kb / 12P
   Silicon P Channel Power MOS FET Power Switching
HAT1043M RENESAS-HAT1043M Datasheet
96Kb / 7P
   Silicon P Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com