Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT1043 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HAT1043
Description  Silicon P Channel Power MOS FET Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAT1043 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HAT1043 Datasheet HTML 1Page - Hitachi Semiconductor HAT1043 Datasheet HTML 2Page - Hitachi Semiconductor HAT1043 Datasheet HTML 3Page - Hitachi Semiconductor HAT1043 Datasheet HTML 4Page - Hitachi Semiconductor HAT1043 Datasheet HTML 5Page - Hitachi Semiconductor HAT1043 Datasheet HTML 6Page - Hitachi Semiconductor HAT1043 Datasheet HTML 7Page - Hitachi Semiconductor HAT1043 Datasheet HTML 8Page - Hitachi Semiconductor HAT1043 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HAT1043M
5
-0.1
-0.2
-0.5
-1
-2
-5
-10
0
-4
-8
-12
-16
-20
100
1000
300
0
-10
-20
-30
-40
-50
0
0
-2
-4
-6
-8
4
8
12
16
20
-10
1000
100
200
20
10
-0.1 -0.2
-2
-10
500
100
200
20
50
10
di / dt = 20 A / µs
V
= 0, Ta = 25 °C
GS
30
-20
-1
Reverse Drain Current
I
(A)
DR
Body–Drain Diode Reverse
Recovery Time
Drain to Source Voltage V
(V)
DS
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nc)
Dynamic Input Characteristics
Drain Current
I
(A)
D
Switching Characteristics
10
V
= 0
f = 1 MHz
GS
Ciss
Coss
Crss
I
= -4.4 A
D
VGS
VDS
V
= - 5 V
-10 V
-20 V
DD
-0.5
-5
50
V
= -4.5 V, V
= -10 V
PW = 5 µs, duty < 1 %
GS
DD
r
t
d(on)
t
d(off)
t
t f
3000
500
V
= - 5 V
-10 V
-20 V
DD


Similar Part No. - HAT1043

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1043M RENESAS-HAT1043M Datasheet
96Kb / 7P
   Silicon P Channel Power MOS FET Power Switching
HAT1043M-EL-E RENESAS-HAT1043M-EL-E Datasheet
96Kb / 7P
   Silicon P Channel Power MOS FET Power Switching
More results

Similar Description - HAT1043

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1048R RENESAS-HAT1048R Datasheet
37Kb / 5P
   Silicon P Channel Power MOS FET Power Switching
HAT1072H RENESAS-HAT1072H_05 Datasheet
177Kb / 7P
   Silicon P Channel Power MOS FET Power Switching
HAT1069C RENESAS-HAT1069C_15 Datasheet
84Kb / 6P
   Silicon P Channel Power MOS FET Power Switching
HAT1127H RENESAS-HAT1127H_15 Datasheet
106Kb / 9P
   Silicon P Channel Power MOS FET Power Switching
logo
Hitachi Semiconductor
HAT1044M HITACHI-HAT1044M Datasheet
27Kb / 4P
   Silicon P Channel Power MOS FET Power Switching
HAT1036R HITACHI-HAT1036R Datasheet
50Kb / 9P
   Silicon P Channel Power MOS FET Power Switching
logo
Renesas Technology Corp
HAT1036R RENESAS-HAT1036R Datasheet
88Kb / 7P
   Silicon P Channel Power MOS FET Power Switching
HAT1110R RENESAS-HAT1110R Datasheet
212Kb / 8P
   Silicon P Channel Power MOS FET Power Switching
HAT1036R RENESAS-HAT1036R_15 Datasheet
108Kb / 9P
   Silicon P Channel Power MOS FET Power Switching
HAT1072H RENESAS-HAT1072H Datasheet
129Kb / 12P
   Silicon P Channel Power MOS FET Power Switching
HAT1043M RENESAS-HAT1043M Datasheet
96Kb / 7P
   Silicon P Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com