Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAES60U-5S Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAES60U-5S
Description  AC/DC Switching Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAES60U-5S Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAES60U-5S Datasheet HTML 1Page - Wall Industries,Inc. PSAES60U-5S Datasheet HTML 2Page - Wall Industries,Inc. PSAES60U-5S Datasheet HTML 3Page - Wall Industries,Inc. PSAES60U-5S Datasheet HTML 4Page - Wall Industries,Inc. PSAES60U-5S Datasheet HTML 5Page - Wall Industries,Inc. PSAES60U-5S Datasheet HTML 6Page - Wall Industries,Inc. PSAES60U-5S Datasheet HTML 7Page - Wall Industries,Inc. PSAES60U-5S Datasheet HTML 8Page - Wall Industries,Inc. PSAES60U-5S Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
8/14/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 9
DATASHEET
Rev. C
PSAES60 SERIES
85~265VAC (100~370VDC) Input Voltage Range
4 Different Mechanical Options
Up to 60 Watts, Single Outputs
AC/DC Switching Power Supplies
FEATURES
 ±10% Output Trim
 RoHS Compliant
 3000VAC I/O Isolation
 60W with Free Air Convection
 UL/cUL 60950 and CE Safety Approvals
 5VDC to 48VDC Single Outputs Available
 Universal Input Voltage Range: 85~265VAC (100~370VDC)
 Short Circuit, Over Power, and Over Voltage Protection
 -40°C to +70°C Operating Temperature Range
 4 Mechanical Options Available: Open Frame, U-Chassis,
Enclosed Case, and DIN Rail
DESCRIPTION
The PSAES60 series of AC/DC switching power supplies offers up to 60W of output power. All models have a
single output and a universal input voltage range of 85~265VAC (100~370VDC). Some features include -40°C
to +70°C operating temperature range, 3000VAC I/O isolation, and ±10% output trim. These supplies also have
UL/cUL 60950 and CE safety approvals and are RoHS compliant. All models are protected against short circuit,
over power, and over voltage conditions. Models are available in open frame (Type O), U-Chassis (Type U),
enclosed case (Type C), and DIN rail (Type DN) designs.
Type O
Type U
Type C
Type DN
E199779 LEVEL3


Similar Part No. - PSAES60U-5S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAE-1500-12 WALL-PSAE-1500-12 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
PSAE-1500-15 WALL-PSAE-1500-15 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
PSAE-1500-24 WALL-PSAE-1500-24 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
PSAE-1500-30 WALL-PSAE-1500-30 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
PSAE-1500-36 WALL-PSAE-1500-36 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results

Similar Description - PSAES60U-5S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com