Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAIC-24S Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAIC-24S
Description  3 Watt AC/DC Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAIC-24S Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAIC-24S Datasheet HTML 1Page - Wall Industries,Inc. PSAIC-24S Datasheet HTML 2Page - Wall Industries,Inc. PSAIC-24S Datasheet HTML 3Page - Wall Industries,Inc. PSAIC-24S Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc.
Rev B
PSAIC SERIES
3 Watt AC/DC Switching Power Supplies
01/14/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
MECHANICAL DRAWINGS
A TYPE MODELS
1
2
3
4
1.41 (35.7)
0.75 (19.0)
0.12 (3.00)
0.84 (21.25)
0.25
(6.25)
SIDE VIEW
0.1 (2.54)
0.18
(4.6)
0.1 (2.5)
0.035 (0.9)
Unit: inches (mm)
PCB = 0.04” (1.0mm)
Tolerance: ±0.004” (±0.1mm)
PIN CONNECTIONS
Pin
Assignment
1
AC IN (L)
2
AC IN (N)
3
+DC OUT
4
-DC OUT
B TYPE MODELS
1.41 (35.7)
0.75 (19.0)
Unit: inches (mm)
1
2
3
4
SIDE VIEW
0.1 (2.5)
0.06 (1.5)
0.75 (18.95)
0.016 (0.4)
0.06 (1.5)
0.15 (3.7)
1.30 (32.9)
0.06 (1.5)
0.016 (0.4)
0.19 (4.95)
Module Outline
NOTE
The 2x8.5mm slot is not mandatory.
This slot is useful when high creapage between PCB tracks is required.
0.85 (21.5)
0.24 (6.15)
0.09 (2.35) ref.
0.11 (2.7)
PCB Footprint - Bottom Side View
Slot Ø1.2x6 mm
n*4 Pad 1.4x2.5 mm
n*4 Pad 1.8x2.5 mm
Slot Ø1.2x10 mm
PCB = 0.04” (1.0mm)
Tolerance: ±0.004” (±0.1mm)
PIN CONNECTIONS
Pin
Assignment
1
AC IN (L)
2
AC IN (N)
3
+DC OUT
4
-DC OUT
Unit: inches (mm)


Similar Part No. - PSAIC-24S

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSAI05R-050QL6 PHIHONG-PSAI05R-050QL6 Datasheet
114Kb / 2P
   5W USB Adapter with Interchangeable Plugs PSAI05R-050QL6 Series Meets Level VI
PSAI05R-050QL6 PHIHONG-PSAI05R-050QL6 Datasheet
252Kb / 3P
   5W USB Interchangeable Plug Adapter
PSAI05R-050QL6-R PHIHONG-PSAI05R-050QL6-R Datasheet
114Kb / 2P
   5W USB Adapter with Interchangeable Plugs PSAI05R-050QL6 Series Meets Level VI
More results

Similar Description - PSAIC-24S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSGKF-200 WALL-PSGKF-200 Datasheet
130Kb / 4P
   Watt AC/DC Switching Power Supplies
PSAPCN WALL-PSAPCN Datasheet
168Kb / 6P
   15 Watt AC/DC Switching Power Supplies
PSATCN WALL-PSATCN Datasheet
857Kb / 6P
   15 Watt AC/DC Switching Power Supplies
PSMSC WALL-PSMSC Datasheet
165Kb / 5P
   40 Watt Medical AC - DC Switching Power Supplies
logo
Tumbler Technologies + ...
TOP100-12 TRUMPOWER-TOP100-12 Datasheet
124Kb / 2P
   60-96 WATT AC/DC SWITCHING POWER SUPPLIES
logo
Artesyn Technologies
CPS253-M ARTESYN-CPS253-M Datasheet
2Mb / 7P
   250 Watt AC-DC Power Supplies
CNS653-ME ARTESYN-CNS653-ME Datasheet
1Mb / 8P
   650 Watt AC-DC Power Supplies
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com