Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAES60C-15S Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # PSAES60C-15S
Description  AC/DC Switching Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAES60C-15S Datasheet(HTML) 7 Page - Wall Industries,Inc.

  PSAES60C-15S Datasheet HTML 1Page - Wall Industries,Inc. PSAES60C-15S Datasheet HTML 2Page - Wall Industries,Inc. PSAES60C-15S Datasheet HTML 3Page - Wall Industries,Inc. PSAES60C-15S Datasheet HTML 4Page - Wall Industries,Inc. PSAES60C-15S Datasheet HTML 5Page - Wall Industries,Inc. PSAES60C-15S Datasheet HTML 6Page - Wall Industries,Inc. PSAES60C-15S Datasheet HTML 7Page - Wall Industries,Inc. PSAES60C-15S Datasheet HTML 8Page - Wall Industries,Inc. PSAES60C-15S Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Rev. C
PSAES60 Series
Up to 60Watts, Single Outputs
4 Mechanical Options Available
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
8/14/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 7 of 9
Enclosed Case Models (C Type): 4.13 x 2.28 x 1.5 inches
Unit: inches (mm)
ASSEMBLY INSTRUCTIONS
U Case T=2.5mm
Customer screws into the length of the case no higher than 0.5mm
(Namely screw length for load plate thickness plus 3.0 mm)
PIN CONNECTIONS
PIN
SINGLE OUTPUT
1
AC IN (N)
2
AC IN (L)
3
FG
4
+DC OUT
5
-DC OUT
Tolerance: ±0.5mm


Similar Part No. - PSAES60C-15S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAE-1500-12 WALL-PSAE-1500-12 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
PSAE-1500-15 WALL-PSAE-1500-15 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
PSAE-1500-24 WALL-PSAE-1500-24 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
PSAE-1500-30 WALL-PSAE-1500-30 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
PSAE-1500-36 WALL-PSAE-1500-36 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results

Similar Description - PSAES60C-15S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com