Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSGE75 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSGE75
Description  AC/DC Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSGE75 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSGE75 Datasheet HTML 1Page - Wall Industries,Inc. PSGE75 Datasheet HTML 2Page - Wall Industries,Inc. PSGE75 Datasheet HTML 3Page - Wall Industries,Inc. PSGE75 Datasheet HTML 4Page - Wall Industries,Inc. PSGE75 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. D
PSGE75 Series
Single Output
Up to 76.8 Watts
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/08/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 5
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output
Voltage
Output
Current
Load
(3)
Regulation
Output
(1)
Ripple & Noise
Output
Power
Efficiency
(4)
PSGE-75-3.3
3.3 VDC
15A
±3.0%
150mVp-p
49.5W
79%
PSGE-75-5
5 VDC
15A
±2.0%
150mVp-p
75W
83%
PSGE-75-12
12 VDC
6.25A
±0.5%
150mVp-p
75W
87%
PSGE-75-15
15 VDC
5A
±0.5%
150mVp-p
75W
87%
PSGE-75-24
24 VDC
3.2A
±0.5%
150mVp-p
76.8W
88%
PSGE-75-48
88 ~ 264 VAC
(125 ~ 373 VDC)
48 VDC
1.6A
±0.5%
200mVp-p
76.8W
90%
NOTES
1. Ripple & noise is measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with a 0.1µF capacitor and a
47µF capacitor in parallel.
2. Tolerance includes set up tolerance, line regulation, and load regulation.
3. Load regulation is measured from 0% to 100% full load.
4. Typical value at 230VAC input voltage.
5. The length of the setup time is measured at first cold start; turning the power supply ON and OFF very quickly may lead
to an increase in the setup time.
6. The power supply is considered a component which will be installed into final equipment. The final equipment must be
re-confirmed that it still meets EMC directives.
DERATING CURVES
90
Ta=25°C
100
110
120
264
40
50
60
70
80
Input Voltage (VAC)
90
100
-25
Ambient Temperature (°C)
0
10203040506070
20
40
60
80
100
Load vs Temperature
Load vs Input Voltage


Similar Part No. - PSGE75

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSGE-100-12 WALL-PSGE-100-12 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSGE-100-15 WALL-PSGE-100-15 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSGE-100-24 WALL-PSGE-100-24 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSGE-100-3.3 WALL-PSGE-100-3.3 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSGE-100-48 WALL-PSGE-100-48 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
More results

Similar Description - PSGE75

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com