Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSGE-35-12 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSGE-35-12
Description  AC/DC Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSGE-35-12 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSGE-35-12 Datasheet HTML 1Page - Wall Industries,Inc. PSGE-35-12 Datasheet HTML 2Page - Wall Industries,Inc. PSGE-35-12 Datasheet HTML 3Page - Wall Industries,Inc. PSGE-35-12 Datasheet HTML 4Page - Wall Industries,Inc. PSGE-35-12 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/08/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 5
DATASHEET
Rev. E
PSGE35 SERIES
88~264VAC (125~373VDC) Input
Single Outputs
Up to 38.4 Watts Output Power
AC/DC Switching Power Supplies
FEATURES
 Single Output
 RoHS Compliant
 Universal AC Input / Full Range
 High Efficiency, Long Life, and High Reliability
 ±10% Output Voltage Adjustability
 Green Design, No-load Power Consumption < 0.5W
 Energy Star Compliant
 Cooling by Free Air Convection
 Power ON with LED Indicator
 All Using 105°C Long Life Electrolytic Capacitors
 High Operating Temperature: -25°C to +70°C
 100% Full Load Burn-In Tested
 Withstand 5G Vibration Test
 Brown-out (Low AC Input Voltage) Protection
 Over Voltage, Over Load, and Short Circuit Protection
DESCRIPTION
The PSGE35 series of AC/DC switching power supplies offers up to 38.4 Watts of output power in a 3.90” x 3.21” x 1.40”
enclosed case. This series has a universal input voltage range of 88~264VAC (125~373VDC) and single outputs of 3.3, 5,
12, 15, 24, and 48VDC. Some features include high efficiency up to 90%, ±10% output adjustability, no-load power
consumption < 0.5W, and a high operating temperature range of -25°C to +70°C. This series also has over voltage, short
circuit, over load, and brown-out (low AC input voltage) protection. All models have been 100% full load burn-in tested and
are RoHS and Energy Star compliant. This series also has UL 60950-1, TUV EN60950-1, and CE safety approvals.


Similar Part No. - PSGE-35-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSGE-100-12 WALL-PSGE-100-12 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSGE-100-15 WALL-PSGE-100-15 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSGE-100-24 WALL-PSGE-100-24 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSGE-100-3.3 WALL-PSGE-100-3.3 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSGE-100-48 WALL-PSGE-100-48 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
More results

Similar Description - PSGE-35-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com