Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSAES60DN-24S Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSAES60DN-24S
Description  AC/DC Switching Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAES60DN-24S Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSAES60DN-24S Datasheet HTML 1Page - Wall Industries,Inc. PSAES60DN-24S Datasheet HTML 2Page - Wall Industries,Inc. PSAES60DN-24S Datasheet HTML 3Page - Wall Industries,Inc. PSAES60DN-24S Datasheet HTML 4Page - Wall Industries,Inc. PSAES60DN-24S Datasheet HTML 5Page - Wall Industries,Inc. PSAES60DN-24S Datasheet HTML 6Page - Wall Industries,Inc. PSAES60DN-24S Datasheet HTML 7Page - Wall Industries,Inc. PSAES60DN-24S Datasheet HTML 8Page - Wall Industries,Inc. PSAES60DN-24S Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. C
PSAES60 Series
Up to 60Watts, Single Outputs
4 Mechanical Options Available
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
8/14/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 9
SPECIFICATIONS: PSAES60 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
AC Input Voltage Range
85
265
Operating Voltage Range
DC Input Voltage Range
100
370
VAC
Input Frequency
47
63
Hz
Io = Full Load, Vin = 115VAC
2
A
Input Current
Io = Full Load, Vin = 230VAC
1
A
Vin = 115VAC; < 2ms
30
A
Inrush Current
Vin = 230VAC; < 2ms
50
A
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
±2
%
Output Trim
±10
%
Load Regulation
5-100% load
±1
%
Line Regulation
Low line to high line
±1
%
Output Power
See Table
Output Current
Continuous Conduction Mode (CCM)
See Table
Minimum Load
1
%
Maximum Capacitive Load
470~23,000µF depending on model
Ripple
< 0.2% Vout + 40mV max.
Ripple & Noise (peak-peak)
Noise
Measured at 20MHz BW and with 0.1µF and 47µF capacitors in parallel
< 0.5% Vout + 50mV max.
Transient Response
1.2
ms
Hold-Up Time
10
ms
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Over Voltage Protection
Zener diode clamp
Over Power Protection
Hiccup mode
Short Circuit Protection
Hiccup mode
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
100
kHz
Input to Output
3000
Input to FG
1500
Isolation
Output to FG
500
VAC
Safety Ground Leakage Current
0.5
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
See derating curve
-40
70
°C
Storage Temperature
-50
85
°C
Humidity
95
% RH
Vibration
10~500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes
Cooling
cooling
MTBF
Operating Temp at 25°C, calculated per MIL-HDBK-217F
130,000 hours
PHYSICAL SPECIFICATIONS
Open Frame Models (Type O)
5.29oz (150g)
U-Chassis Models (Type U)
8.47oz (240)
Enclosed Case Models (Type C)
9.17oz (260g)
Weight
DIN Rail Models (Type DN)
9.35oz (265g)
Open Frame Models (Type O)
4.1x2.05x1.0 inches (103.9x52.1x25.4 mm)
U-Chassis Models (Type U)
4.13x2.28x1.5 inches (105.0x58.0x38.1 mm)
Enclosed Case Models (Type C)
4.13x2.28x1.5inches (105.0x58.0x38.1 mm)
Dimensions (L x W x H)
DIN Rail Models (Type DN)
4.13x2.28x1.5 inches (105.0x58.0x38.1 mm)
SAFETY
Safety Approvals
CE, UL60950
EMI (Conducted and Radiated Emission)
EN 55022 Class B
EMS (noise Immunity)
EN 55024


Similar Part No. - PSAES60DN-24S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAE-1500-12 WALL-PSAE-1500-12 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
PSAE-1500-15 WALL-PSAE-1500-15 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
PSAE-1500-24 WALL-PSAE-1500-24 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
PSAE-1500-30 WALL-PSAE-1500-30 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
PSAE-1500-36 WALL-PSAE-1500-36 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results

Similar Description - PSAES60DN-24S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com