Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPSD-50 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSPSD-50
Description  AC/DC Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPSD-50 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSPSD-50 Datasheet HTML 1Page - Wall Industries,Inc. PSPSD-50 Datasheet HTML 2Page - Wall Industries,Inc. PSPSD-50 Datasheet HTML 3Page - Wall Industries,Inc. PSPSD-50 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc.
Rev A
PSPSD-50 SERIES
Up to 53.8 Watts, AC/DC Switching Power Supplies
10/09/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
BLOCK DIAGRAM
EMI FILTER
POWER
SWITCHING
O.L.P.
PWM
CONTROL
DETECTION
CIRCUIT
I/P
FG
+V
-V
RECTIFIERS
&
FILTER
RECTIFIERS
&
FILTER
MECHANICAL DRAWING
Customer plate
SMPS Cover
Assembly Screw
L ≤ 4mm
L
3.90 (99.0)
3.60 (91.5)
4 - M3
Ø0.14
(Ø3.5)
2.17 (55.0)
0.81 (20.5)
3.60 (91.5)
+V
-V
L
N
0.12 (3.0)
2.91 (74.0)
3.43 (87.0)
0.06 (1.5)
R1.75
0.51 (13.0)
0.22 (5.5)
0.14 (3.5)
0.20 (5.0)
Unit: inches (mm)
DIN-35 rail bar accessories are available for this series. Please call factory for ordering details.


Similar Part No. - PSPSD-50

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-12 WALL-PSPSD-20-12 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-15 WALL-PSPSD-20-15 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-24 WALL-PSPSD-20-24 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-48 WALL-PSPSD-20-48 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
More results

Similar Description - PSPSD-50

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com