Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPSD-60 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSPSD-60
Description  AC/DC Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPSD-60 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSPSD-60 Datasheet HTML 1Page - Wall Industries,Inc. PSPSD-60 Datasheet HTML 2Page - Wall Industries,Inc. PSPSD-60 Datasheet HTML 3Page - Wall Industries,Inc. PSPSD-60 Datasheet HTML 4Page - Wall Industries,Inc. PSPSD-60 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. A
PSPSD-60 Series
60 Watts
Single Output
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/31/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 5
MECHANICAL DRAWING
Unit: inches (mm)
V ADJ
AC INPUT
100V-240V
2-M3
(If you use these two holes for
assembling, please contact our
sales for confirmation.)
3-M3
2-M3
+V
+V
-V
-V
L
N
1.60 (40.6)
1.87 (47.5)
0.94 (24.0)
3.07 (78.0)
3.76 (95.5)
5.08 (129.0)
4.13 (105.0)
0.28 (7)
2 * 0.14 (3.5)
0.20
(5)
0.16 (4)
0.16
(4.0)
3.27 (83.0)
0.59 (15.0)


Similar Part No. - PSPSD-60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-12 WALL-PSPSD-20-12 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-15 WALL-PSPSD-20-15 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-24 WALL-PSPSD-20-24 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-48 WALL-PSPSD-20-48 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
More results

Similar Description - PSPSD-60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com