Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSPSD-60-12 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPSD-60-12
Description  AC/DC Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPSD-60-12 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPSD-60-12 Datasheet HTML 1Page - Wall Industries,Inc. PSPSD-60-12 Datasheet HTML 2Page - Wall Industries,Inc. PSPSD-60-12 Datasheet HTML 3Page - Wall Industries,Inc. PSPSD-60-12 Datasheet HTML 4Page - Wall Industries,Inc. PSPSD-60-12 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. A
PSPSD-60 Series
60 Watts
Single Output
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
01/31/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
SPECIFICATIONS: PSPSD-60 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
88~264VAC
Input Frequency
47~63Hz
AC Current
5V & 12V output models: 1.6A max.
15V & 24V output models: 1.5A max.
48V output model: 1.45A max.
Inrush Current
Cold Start 20A typ. at 115VAC; 40A typ. at 230VAC
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
±2.0%
Voltage Adjustment Range
See Table
Line Regulation
±0.5%
Load Regulation
±2.0%
Output Current
See Table
Ripple & Noise (See Note 1)
See Table
Setup Time
< 2.0s at 115VAC and full load; < 1.0s at 230VAC and full load
Hold Up Time
> 10ms at 115VAC and full load; > 20ms at 230VAC and full load
Temperature Coefficient
±0.03%/°C
Overshoot and Undershoot
< 5.0%
PROTECTION
Over Load Protection
105% ~ 150% of rated output power, hiccup mode, auto-recovery
Over Voltage Protection
120% ~ 150% of rated output voltage, shutdown (5V)
110% ~ 133% of rated output voltage, shutdown (12V)
110% ~ 140% of rated output voltage, shutdown (15V & 24V)
110% ~ 125% of rated output voltage, shutdown (48V)
Short Circuit Protection
Long-term mode, auto-recovery
GENERAL SPECIFICATIONS
Efficiency (typical)
See Table
Primary to Secondary
3000VAC; ≤ 10mA
Primary to PG
1500VAC; ≤ 10mA
Withstand Voltage
Secondary to PG
500VDC; ≤ 10mA
Isolation Resistance
≥ 100MΩ
Leakage Current
< 0.25mA at 115VAC; < 3.5mA at 230VAC
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
-20°C to +70°C
Storage Temperature
-40°C to +85°C
Working Humidity
20 ~ 90% RH (non-condensing)
Storage Humidity
10 ~ 95% RH (non-condensing)
Cooling Method
Free air convection
MTBF (MIL-HDBK-217F)
> 100,000 hours @ 25°C and full load
PHYSICAL SPECIFICATIONS
Dimensions (L x W x H)
5.08 x 3.86 x 1.50 inches (129 x 98 x 38 mm)
Packing
30PCS/CTN, 14.2Kgs, 0.044CBM
SAFETY & EMC (See Note 2)
Safety Standards
UL60950-1, EN60950-1: 2006
EMI Conduction and Radiation
Compliance to EN55022 (CISPR22) Class B
EMS Immunity
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, light industry level, criteria A


Similar Part No. - PSPSD-60-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-12 WALL-PSPSD-20-12 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-15 WALL-PSPSD-20-15 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-24 WALL-PSPSD-20-24 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSPSD-20-48 WALL-PSPSD-20-48 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
More results

Similar Description - PSPSD-60-12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
   AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
   AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
   AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
   AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
   AC/DC Switching Power Supplies
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
   AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
   AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
   AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
   AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com